Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6825T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA6825T
Description  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6825T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA6825T Datasheet HTML 4Page - NXP Semiconductors TEA6825T Datasheet HTML 5Page - NXP Semiconductors TEA6825T Datasheet HTML 6Page - NXP Semiconductors TEA6825T Datasheet HTML 7Page - NXP Semiconductors TEA6825T Datasheet HTML 8Page - NXP Semiconductors TEA6825T Datasheet HTML 9Page - NXP Semiconductors TEA6825T Datasheet HTML 10Page - NXP Semiconductors TEA6825T Datasheet HTML 11Page - NXP Semiconductors TEA6825T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
1998 Mar 24
8
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
Oscillator
fosc
oscillator frequency
61.5
MHz
∆f
osc
oscillator frequency spread
−−
250
Hz
∆f
osc/∆T
temperature dependence of
oscillator frequency
crystal type Philips
9922 521 00098
30
× 10−6
K−1
R1
crystal motional resistance
−−
70
C0
crystal shunt capacitance
−−
5pF
FM-IF2 amplifier
V27-24 max(rms)
maximum input voltage for 1 dB
compression point (RMS value)
80
110
mV
V29-4 max(rms)
maximum output voltage
(RMS value)
220
320
mV
V29-4/V27-24
amplifier gain
RL = 330 Ω; see Fig.5
9
12
15
dB
∆V
29-4/V27-24
gain temperature dependence
−25 °C<Tamb < +85 °C
0.1
dB/K
Ri
input resistance (pins 27 to 24)
300
330
360
Ci
input capacitance (pins 27 to 4)
−−
5pF
Ro
output resistance (pin 29)
300
330
360
Co
output capacitance (pins 29 to 4)
−−
5pF
FM-IF2 limiter
Vo 1-2(p-p)
limiter output voltage
(peak-to-peak value)
500
700
mV
V1-2/V37-35
limiter gain
see Fig.6
80
dB
Ci
input capacitance (pins 37 to 4)
−−
5pF
Ro
output resistance (pins 1 to 2)
−−
1.0
k
Co
output capacitance (pins 1 to 2)
10
15
20
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TEA6825T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

Similar Description - TEA6825T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com