Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPT-USS-ADE-1 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # NPT-USS-ADE-1
Description  SPNovaLED InGaN True Green :1 Watt
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPT-USS-ADE-1 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button NPT-USS-ADE-1 Datasheet HTML 3Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 4Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 5Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 6Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 7Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 8Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 9Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 10Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
24/08/2006 V2.0
7
SPNovaLED InGaN True Green : 1 Watt
DOMINANT TM
Semiconductors
Innovating Illumination
Recommended Solder Pad
Note: Unit to unit pitching must not be less than 25 mm. Metal core circuit board (MCPCB) is highly recommended
for high density applications. Please consult sales and marketing for additional information.


Similar Part No. - NPT-USS-ADE-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
   Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
   Low cost, surface mount SOIC package
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004_15 Datasheet
541Kb / 6P
   45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
logo
List of Unclassifed Man...
NPT1007 ETC2-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
More results

Similar Description - NPT-USS-ADE-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
   SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
   SPNovaLED InGaN Blue : 1 Watt
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
   SPNovaLED InGaN : 50mA
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN White High Lumens : 350 mA
NPF-TSD-ABD-1 DOMINANT-NPF-TSD-ABD-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN Warm White High Lumens : 350 mA
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com