Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSO-CLD-K2 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # SSO-CLD-K2
Description  SpiceLED AlInGaP S-Spice
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSO-CLD-K2 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  SSO-CLD-K2 Datasheet HTML 1Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 2Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 3Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 4Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 5Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 6Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 7Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 8Page - DOMINANT Semiconductors SSO-CLD-K2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
10/03/2006 V1.0
1
Features:
> High brightness surface mount LED.
> Super wide viewing angle of 160°.
> Equivalent to 0603 package outline. Copper lead-frame construction.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
> Environmental friendly; RoHS compliance.
SpiceLEDTM
Like spice, its diminutive size is a stark contrast to its standout performance
in terms of brightness, durability and reliability. Despite being the smallest in
size yet the SpiceLED™ packs a powerful performance and is a highly reliable
design device. Its versality enables its application in automotive applicances,
key-pad illumination, hand-held devices such as PDAs, notebooks, compact
back-lighting applications, consumer appliances, office equipment, audio and
video equipment.
DATA SHEET:
SpiceLEDTM
AlInGaP S-Spice : SSx-CLD-I2
© 2005 SpiceLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - SSO-CLD-K2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSO-CLD-JK2-1-I2 DOMINANT-SSO-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
SSO-CLD-P2 DOMINANT-SSO-CLD-P2 Datasheet
387Kb / 9P
   Surface Mount AlInGaP Spice LED
SSO-CLD-P2Q-1 DOMINANT-SSO-CLD-P2Q-1 Datasheet
387Kb / 9P
   Surface Mount AlInGaP Spice LED
SSO-CLD-P2Q-1 DOMINANT-SSO-CLD-P2Q-1 Datasheet
1Mb / 16P
   SpiceLED
SSO-CLD-Q1 DOMINANT-SSO-CLD-Q1 Datasheet
387Kb / 9P
   Surface Mount AlInGaP Spice LED
More results

Similar Description - SSO-CLD-K2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SST-SLD-L2N1-1 DOMINANT-SST-SLD-L2N1-1 Datasheet
788Kb / 12P
   SpiceLED InGaN S-Spice
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
   SpiceLED InGaN S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
   SpiceLED InGaN White S-Spice
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
   SpiceLED InGaN M-Spice
SMT-SLD-L2N1-1 DOMINANT-SMT-SLD-L2N1-1 Datasheet
625Kb / 12P
   SpiceLED InGaN M-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-ULD DOMINANT-SMW-ULD Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
SSS-CLD-N2P-1 DOMINANT-SSS-CLD-N2P-1 Datasheet
387Kb / 9P
   Surface Mount AlInGaP Spice LED
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com