Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP8-DSS Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # NP8-DSS
Description  SPNovaLED Infrared 850nm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NP8-DSS Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button NP8-DSS Datasheet HTML 2Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 3Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 4Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 5Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 6Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 7Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 8Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 9Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
07/05/2007 V1.0
6
Taping and orientation
• Reels come in quantity of 2000 units.
• Reel diameter is 330 mm.
SPNovaLED : Infrared 850nm
DOMINANT TM
Semiconductors
Innovating Illumination


Similar Part No. - NP8-DSS

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03CDE NEC-NP80N03CDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE RENESAS-NP80N03CDE Datasheet
297Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP80N03CDE-S12-AZ NEC-NP80N03CDE-S12-AZ Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE-S12-AZ RENESAS-NP80N03CDE-S12-AZ Datasheet
297Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP80N03CLE NEC-NP80N03CLE Datasheet
96Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP8-DSS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
logo
CT Micro International ...
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q06-B30 CTMICRO-HIRP1608Q06-B30 Datasheet
815Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRC3528Q19-B20 CTMICRO-HIRC3528Q19-B20 Datasheet
729Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRP3015Q12-K6 CTMICRO-HIRP3015Q12-K6 Datasheet
844Kb / 10P
   SMD Type 850nm Infrared Emitter
HIRP2406W14-B10 CTMICRO-HIRP2406W14-B10 Datasheet
964Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
   SMD Type 850nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com