Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC611LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC611LP4E
Description  60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC611LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC611LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC611LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8
8 - 47
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Unless otherwise noted: Vcc1, Vcc2, Vcc3 = +5V, TA = +25C
LOGOUT Voltage & Error
vs. Input Power, Fin = 7500 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 8000 MHz
HMC611LP4 / 611LP4E
v00.0607
60 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 10000 MHz
0.2
0.6
1
1.4
1.8
2.2
2.6
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
Ideal
Logout (+25C)
Logout (+85C)
Logout ( -45C)
ERR (+25C)
ERR (+85C)
ERR ( -45C)
INPUT POWER (dBm)
0.2
0.6
1
1.4
1.8
2.2
2.6
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
Ideal
Logout (+25C)
Logout (+85C)
Logout ( -45C)
ERR (+25C)
ERR (+85C)
ERR ( -45C)
INPUT POWER (dBm)
LOGOUT Voltage & Error
vs. Input Power, Fin = 10000 MHz
0.2
0.6
1
1.4
1.8
2.2
2.6
-3
-2
-1
0
1
2
3
-50
-40
-30
-20
-10
0
10
Ideal
Logout (+25C)
Logout (+85C)
Logout ( -45C)
ERR (+25C)
ERR (+85C)
ERR ( -45C)
INPUT POWER (dBm)
LOGOUT Slope vs. Frequency
LOGOUT Slope vs. Supply Voltage
-32
-30
-28
-26
-24
-22
-20
2000
4000
6000
8000
10000
+25C
+85C
-45C
FREQUENCY (MHz)
50
-33
-31
-29
-27
-25
4.5
5
5.5
100 MHz
1900 MHz
3600 MHz
5800 MHz
8000 MHz
10000 MHz
Vcc (V)


Similar Part No. - HMC611LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC611LP4E HITTITE-HMC611LP4E Datasheet
362Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
HMC611LP4E AD-HMC611LP4E Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
More results

Similar Description - HMC611LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com