Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2211CP-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2211CP-REEL
Description  Low Distortion, 1.5 W Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CP-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2211CP-REEL Datasheet HTML 4Page - Analog Devices SSM2211CP-REEL Datasheet HTML 5Page - Analog Devices SSM2211CP-REEL Datasheet HTML 6Page - Analog Devices SSM2211CP-REEL Datasheet HTML 7Page - Analog Devices SSM2211CP-REEL Datasheet HTML 8Page - Analog Devices SSM2211CP-REEL Datasheet HTML 9Page - Analog Devices SSM2211CP-REEL Datasheet HTML 10Page - Analog Devices SSM2211CP-REEL Datasheet HTML 11Page - Analog Devices SSM2211CP-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SSM2211
Rev. D | Page 8 of 24
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
VDD = 5V
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 20Hz
CB = 0.1μF
Figure 10. THD + N vs. POUTPUT
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
VDD = 5V
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 1kHz
CB = 0.1μF
Figure 11. THD + N vs. POUTPUT
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
VDD = 5V
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 20kHz
CB = 0.1μF
Figure 12. THD + N vs. POUTPUT
FREQUENCY (Hz)
10
1
0.01
20
100
20k
1k
10k
0.1
CB = 0
CB = 0.1μF
CB = 1μF
TA = 25°C
VDD = 3.3V
AVD = 2 (BTL)
RL = 8Ω
PL = 350mW
Figure 13. THD + N vs. Frequency
FREQUENCY (Hz)
10
1
0.01
20
100
20k
1k
10k
0.1
CB = 0
CB = 0.1μF
CB = 1μF
TA = 25°C
VDD = 3.3V
AVD = 10 (BTL)
RL = 8Ω
PL = 350mW
Figure 14. THD + N vs. Frequency
FREQUENCY (Hz)
10
1
0.01
20
100
20k
1k
10k
0.1
CB = 0.1μF
CB = 1μF
TA = 25°C
VDD = 3.3V
AVD = 20 (BTL)
RL = 8Ω
PL = 350mW
Figure 15. THD + N vs. Frequency


Similar Part No. - SSM2211CP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211CPZ-REEL AD-SSM2211CPZ-REEL Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211CPZ-REEL7 AD-SSM2211CPZ-REEL7 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
More results

Similar Description - SSM2211CP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211 Datasheet
212Kb / 16P
   Low Distortion 1.5 Watt Audio Power Amplifier
REV. 0
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
   Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
   Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com