Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWO-EJS-X2 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DWO-EJS-X2
Description  Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWO-EJS-X2 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DWO-EJS-X2 Datasheet HTML 1Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 2Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 3Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 4Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 5Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 6Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 7Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 8Page - DOMINANT Semiconductors DWO-EJS-X2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
25/06/2007 V5.0
5
AlInGaP : DWx-EJS
DOMINANT TM
Semiconductors
Innovating Illumination
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Radiation Pattern
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Current Vs Forward Voltage
Forward Current, mA
0
20
40
60
80
1.8
1.9
2
2.1
2.2
2.3
Maximum Current Vs Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
Allowable Forward Current Vs Duty Ratio
Duty Ratio, %
1
10
100
1
10
100
1000
Allowable Forward Current Vs Duty Ratio
(Ta=25 Deg C, Tp<10us)


Similar Part No. - DWO-EJS-X2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWO-MJS-W2X-1 DOMINANT-DWO-MJS-W2X-1 Datasheet
1Mb / 15P
   Power DomiLED
DWO-MJS-XY2-1 DOMINANT-DWO-MJS-XY2-1 Datasheet
1Mb / 15P
   Power DomiLED
DWO-SJS DOMINANT-DWO-SJS Datasheet
880Kb / 13P
   Power LED
DWO-SJS DOMINANT-DWO-SJS Datasheet
1Mb / 13P
   Power DomiLED
DWO-SJS-U1 DOMINANT-DWO-SJS-U1 Datasheet
880Kb / 13P
   Power LED
More results

Similar Description - DWO-EJS-X2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com