Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6880 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA6880
Description  Up-level Car radio Analog Signal Processor CASP
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6880 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA6880 Datasheet HTML 3Page - NXP Semiconductors TEA6880 Datasheet HTML 4Page - NXP Semiconductors TEA6880 Datasheet HTML 5Page - NXP Semiconductors TEA6880 Datasheet HTML 6Page - NXP Semiconductors TEA6880 Datasheet HTML 7Page - NXP Semiconductors TEA6880 Datasheet HTML 8Page - NXP Semiconductors TEA6880 Datasheet HTML 9Page - NXP Semiconductors TEA6880 Datasheet HTML 10Page - NXP Semiconductors TEA6880 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
2000 May 08
7
Philips Semiconductors
Product specification
Up-level Car radio Analog Signal
Processor (CASP)
TEA6880H
6
PINNING
SYMBOL
PIN
DESCRIPTION
SDAQ
1
data output (to TEA6840H)
SCLQ
2
clock output (to TEA6840H)
LEVEL
3
FM and AM level input (from TEA6840H)
SCL
4
I2C-bus clock
SDA
5
I2C-bus data
DGND
6
digital ground
TBL
7
time constant for FM modulation detector
VCC
8
supply voltage
CHIME
9
chime tone input
AGND
10
analog ground
LLN
11
loudness left network
LOPI
12
left option port input (terminal impedance typical 100 k
Ω)
LOPO
13
left option port output
BRI
14
channel B right stereo input (terminal impedance typical 100 k
Ω)
ADR
15
address select
BLI
16
channel B left stereo input (terminal impedance typical 100 k
Ω)
SCAP
17
supply filter capacitor
CRIP
18
channel C right symmetrical input (terminal impedance typical 30 k
Ω)
CCOM
19
channel C common input (terminal impedance typical 30 k
Ω)
CLIP
20
channel C left symmetrical input (terminal impedance typical 30 k
Ω)
MONOC
21
mono common input (terminal impedance typical 30 k
Ω)
MONOP
22
mono symmetrical input (terminal impedance typical 30 k
Ω)
VHS
23
half supply filter capacitor
ARI
24
channel A right stereo input (terminal impedance typical 100 k
Ω)
AMNCAP
25
peak-to-average detector capacitor for AM noise blanker
ALI
26
channel A left stereo input (terminal impedance typical 100 k
Ω)
ROPO
27
right option port output
ROPI
28
right option port input (terminal impedance typical 100 k
Ω)
RLN
29
loudness right network
RTC
30
right treble capacitor
RBI
31
right bass network input
RBO
32
right bass network output
RF
33
right front output
RR
34
right rear output
ASICAP
35
analog step interpolate capacitor
LR
36
left rear output
LF
37
left front output
LBO
38
left bass network output
LBI
39
left bass network input
LTC
40
left treble capacitor


Similar Part No. - TEA6880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6886 PHILIPS-TEA6886 Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
TEA6886HL PHILIPS-TEA6886HL Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
More results

Similar Description - TEA6880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6886HL PHILIPS-TEA6886HL Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com