Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12HV615 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC12HV615
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12HV615 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC12HV615 Datasheet HTML 7Page - Microchip Technology PIC12HV615 Datasheet HTML 8Page - Microchip Technology PIC12HV615 Datasheet HTML 9Page - Microchip Technology PIC12HV615 Datasheet HTML 10Page - Microchip Technology PIC12HV615 Datasheet HTML 11Page - Microchip Technology PIC12HV615 Datasheet HTML 12Page - Microchip Technology PIC12HV615 Datasheet HTML 13Page - Microchip Technology PIC12HV615 Datasheet HTML 14Page - Microchip Technology PIC12HV615 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 9
PIC12F609/615/12HV609/615
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC12F609/615/12HV609/615 has a 13-bit pro-
gram counter capable of addressing an 8K x 14 pro-
gram memory space. Only the first 1K x 14 (0000h-
03FFh) for the PIC12F609/615/12HV609/615 is physi-
cally implemented. Accessing a location above these
boundaries will cause a wraparound within the first 1K
x 14 space. The Reset vector is at 0000h and the inter-
rupt vector is at 0004h (see Figure 2-1).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC12F609/615/12HV609/615
2.2
Data Memory Organization
The data memory (see Figure 2-2) is partitioned into two
banks, which contain the General Purpose Registers
(GPR) and the Special Function Registers (SFR). The
Special Function Registers are located in the first 32
locations of each bank. Register locations 40h-7Fh in
Bank 0 are General Purpose Registers, implemented as
static RAM. Register locations F0h-FFh in Bank 1 point
to addresses 70h-7Fh in Bank 0. All other RAM is
unimplemented and returns ‘0’ when read. The RP0 bit
of the STATUS register is the bank select bit.
RP0
0
→ Bank 0 is selected
1
→ Bank 1 is selected
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 64 x 8 in the
PIC12F609/615/12HV609/615.
Each
register
is
accessed, either directly or indirectly, through the File
Select Register (FSR) (see Section 2.4 “Indirect
Addressing, INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Table 2-1). These
registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral features
are described in the section of that peripheral feature.
PC<12:0>
13
0000h
0004h
0005h
03FFh
0400h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Wraps to 0000h-07FFh
Note:
The IRP and RP1 bits of the STATUS
register are reserved and should always be
maintained as ‘0’s.


Similar Part No. - PIC12HV615

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12HV615 MICROCHIP-PIC12HV615 Datasheet
150Kb / 2P
   8-bit PIC짰 Microcontrollers with High Voltage Support and Fan Control Capabilities
2006
PIC12HV615 MICROCHIP-PIC12HV615 Datasheet
1Mb / 212P
   8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12HV615 MICROCHIP-PIC12HV615 Datasheet
177Kb / 4P
   8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12HV615 MICROCHIP-PIC12HV615 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
PIC12HV615 MICROCHIP-PIC12HV615 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC12HV615

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
   8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
   8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
   8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
   8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F629 MICROCHIP-PIC12F629 Datasheet
1Mb / 136P
   8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
   8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com