Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AIDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL431AIDT
Description  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AIDT Datasheet(HTML) 1 Page - STMicroelectronics

  TL431AIDT Datasheet HTML 1Page - STMicroelectronics TL431AIDT Datasheet HTML 2Page - STMicroelectronics TL431AIDT Datasheet HTML 3Page - STMicroelectronics TL431AIDT Datasheet HTML 4Page - STMicroelectronics TL431AIDT Datasheet HTML 5Page - STMicroelectronics TL431AIDT Datasheet HTML 6Page - STMicroelectronics TL431AIDT Datasheet HTML 7Page - STMicroelectronics TL431AIDT Datasheet HTML 8Page - STMicroelectronics TL431AIDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 2
November 2005
1/13
13
TL431
Programmable Voltage Reference
Adjustable output voltage: 2.5 to 36V
Sink current capability: 1 to 100mA
Typical output impedance: 0.22
1% and 2% voltage precision
Description
The TL431 is a programmable shunt voltage
reference with guaranteed temperature stability
over the entire temperature range of operation.
The output voltage may be set to any value
between 2.5V and 36V with two external resistors.
The TL431 operates with a wide current range
from
1
to
100mA
with
a
typical
dynamic
impedance of 0.22
Ω.
Order Codes
Z
TO92
(Plastic Package)
D
SO-8
(Plastic Micropackage)
Part Number
Temperature
Range
Package
Packing
Marking
TL431CD/CDT
0, +70°C
SO-8
Tube or Tape & Reel
431C
TL431ACD/ACDT
431AC
TL431CZ/CZT/CZ-AP
TO92
TL431C
TL431ACZ/ACZT/ACZ-AP
TL431AC
TL431ID/IDT
-40, + 105°C
SO-8
431I
TL431AID/AIDT
431AI
TL431IZ/IZT/IZ-AP
TO92
TL431I
TL431AIZ/AIZT/AIZ-AP
TL431AI
TL431IYD/IYDT
SO-8 (automotive grade level)
431IY
TL431AIYD/AIYDT
431AIY
www.st.com


Similar Part No. - TL431AIDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL431AIDT STMICROELECTRONICS-TL431AIDT Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431AIDT STMICROELECTRONICS-TL431AIDT Datasheet
174Kb / 15P
   Programmable voltage reference
TL431AIDT STMICROELECTRONICS-TL431AIDT Datasheet
939Kb / 21P
   Programmable voltage reference
More results

Similar Description - TL431AIDT

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com