Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME7730AEEY500Z Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME7730AEEY500Z
Description  100mA Regulated Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7730AEEY500Z Datasheet(HTML) 4 Page - Analog Microelectronics

  AME7730AEEY500Z Datasheet HTML 1Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 2Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 3Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 4Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 5Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 6Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 7Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 8Page - Analog Microelectronics AME7730AEEY500Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AME, Inc.
4
Rev.A.01
100mA Regulated Charg Pump
AME7730
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Note : Caution: Stress above the listed in absolute maximum ratings may cause permanent damage to the device.
* HBM B: 2000V ~ 3999V
Parameter
Maximum
Unit
Input Voltage, Output Voltage, C-, C+
-0.3 to 5.5
EN
-0.3 to VIN + 0.3
ESD Classification
V
B*
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
oC
Junction Temperature Range
TJ
- 40 to 125
oC
Storage Temperature Range
TSTG
- 65 to 150
oC
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance*
(Junction to Case)
θJC
81
Thermal Resistance
(Junction to Ambient)
θJA
260
Internal Power Dissipation
PD
400
mW
350
oC
oC/W
Solder Iron (10 Sec)**
SOT-26
TSOT-26
Conductive Epoxy


Similar Part No. - AME7730AEEY500Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY330Z AME-AME7739AEEY330Z Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY500Z AME-AME7739AEEY500Z Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY550Z AME-AME7739AEEY550Z Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
More results

Similar Description - AME7730AEEY500Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com