Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1117DCBTZ Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME1117DCBTZ
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117DCBTZ Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME1117DCBTZ Datasheet HTML 3Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 4Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 5Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 6Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 7Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 8Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 9Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 10Page - Analog Microelectronics AME1117DCBTZ Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AME, Inc.
Rev.S.02
7
AME1117
1A Low Dropout
Positive Voltage Regulator
Parameter
Symbol
Min
Typ
Max
Units
TJ=25
oC
4.950 5.000 5.050
TJ=0
oC to 70oC
4.900 5.000 5.100
Current Limit
IS
VIN = 7V to 10V
TJ=0
oC to 70oC
1.0
1.5
-
A
Quiescent Current
IQ
VIN = 7V, IO = 0A to 1A
TJ=0
oC to 70oC
-
6.0
13
mA
Temp. Coefficient
TC
-
0.005
-
%/ºC
Temperature Stability
TS
VIN = 5V, IO = 100mA
TJ=0
oC to 70oC
-
0.5
-
%
RMS Output Noise
VN
10HZ<= f <=10KHZ
TJ=25
oC
-
0.003
-
%VO
Ripple Rejection Ratio
RA
VIN = 5V, IO = 1A
TJ=0
oC to 70oC
60
72
-
dB
VIN = 7V to 10V, IO = 0A to 1A
Dropout Voltage
VDROPOUT
IO = 0A to 1A,
∆Vo = ±1%
V
-
1.2
1.4
TJ=0
oC to 70oC
Line Regulation
REGLINE
VIN =7V to 9V,
IO = 0A
%
Load Regulation
REGLOAD
VIN = 7V
IO = 0A~1A
TJ=0
oC to 70oC
TJ=0
oC to 70oC
-
Test Condition
Output Voltage
VOUT
VIN = 7V, IO = 0A
V
0.1
-
-
0.2
1.0
Parameter
Symbol
Min
Typ
Max
Units
TJ=25
oC
1.782 1.800 1.818
TJ=0
oC to 70oC
1.764 1.800 1.836
Current Limit
IS
VIN = 4.75V to 7V
TJ=0
oC to 70oC
1.0
1.5
-
A
Quiescent Current
IQ
VIN = 5V, IO = 0A to 1A
TJ=0
oC to 70oC
-
6.0
13
mA
Temp. Coefficient
TC
-
0.005
-
%/ºC
Temperature Stability
TS
VIN = 5V, IO = 100mA
TJ=0
oC to 70oC
-
0.5
-
%
RMS Output Noise
VN
10HZ<= f <=10KHZ
TJ=25
oC
-
0.003
-
%VO
Ripple Rejection Ratio
RA
VIN = 5V, IO = 1A
TJ=0
oC to 70oC
60
72
-
dB
V
VIN = 4.75V to 7V, IO = 0A to 1A
REGLOAD
VIN = 5V,
IO = 0A~1A
-
1.2
1.4
TJ=0
oC to 70oC
TJ=0
oC to 70oC
Dropout Voltage
VDROPOUT
IO = 1A,
∆Vo = ±1%
V
Line Regulation
REGLINE
VIN = 4.75V to 7V,
IO = 0A
TJ=0
oC to 70oC
-
-
0.2
%
Load Regulation
Test Condition
Output Voltage
VOUT
VIN = 5V, IO = 0A
-
0.1
1.0
n Electrical Specifications
AME1117Dxxx
AME1117Exxx


Similar Part No. - AME1117DCBTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117DCBT AME-AME1117DCBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117DCBTZ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com