Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431IYD Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL431IYD
Description  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431IYD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL431IYD Datasheet HTML 3Page - STMicroelectronics TL431IYD Datasheet HTML 4Page - STMicroelectronics TL431IYD Datasheet HTML 5Page - STMicroelectronics TL431IYD Datasheet HTML 6Page - STMicroelectronics TL431IYD Datasheet HTML 7Page - STMicroelectronics TL431IYD Datasheet HTML 8Page - STMicroelectronics TL431IYD Datasheet HTML 9Page - STMicroelectronics TL431IYD Datasheet HTML 10Page - STMicroelectronics TL431IYD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TL431
Electrical Characteristics
7/13
Figure 9.
Reference voltage vs. temp.
Figure 10. Reference voltage vs. cathode current
Figure 11. Reference voltage vs. cathode current Figure 12. Reference current vs. temp.
Figure 13. Off-state cathode current vs. temp.
Figure 14. Ratio of change in VREF to change in
VKA vs. temp.
-40
-20
0
20
40
60
80
100
2.44
2.46
2.48
2.50
2.52
2.54
V
KA
= V
REF
I
K
= 10 mA
Temperature (
°C)
-1
0
123
-50
-25
0
25
50
75
100
T
AMB
=+25
°C
Cathode voltage V
KA
(V)
-1
0
123
-2
-1
0
1
2
T
AMB
= +25
°C
Cathode voltage V
KA
(V)
−40
−20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
I
K
=10 mA
R
1
=10k
R2= +
Temperature °C
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
V
KA
= 36 V
V
REF
= 0 V
Temperature (
°C)
-40
-20
0
20
40
60
80
100
-2.0
-1.5
-1.0
-0.5
0.0
I
K
= 10 mA
Temperature (
°C)


Similar Part No. - TL431IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL431IYD STMICROELECTRONICS-TL431IYD Datasheet
174Kb / 15P
   Programmable voltage reference
TL431IYDT STMICROELECTRONICS-TL431IYDT Datasheet
174Kb / 15P
   Programmable voltage reference
More results

Similar Description - TL431IYD

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com