Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT-SLD-L2N1-1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # SMT-SLD-L2N1-1
Description  SpiceLED InGaN M-Spice
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMT-SLD-L2N1-1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  SMT-SLD-L2N1-1 Datasheet HTML 1Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 2Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 3Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 4Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 5Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 6Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 7Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 8Page - DOMINANT Semiconductors SMT-SLD-L2N1-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
23/02/2006 V1.0
3
InGaN M-Spice : SMx-SLD
DOMINANT TM
Semiconductors
Innovating Illumination
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage; Ir max = 10µA
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
15
100
5
1000
110
-40 … +100
-40 … +100
45
mA
mA
V
V
˚C
˚C
˚C
mW
Material
Material
Lead-frame
Package
Cu Alloy With NiPdAu Plating
High Temperature Resistant Epoxy Resin
Note: product is Pb free
Typ. (V)
Vf @ If = 2mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
SMx-SLD
2.8
3.0
5
Min. (V)
2.6
Typ. (V)
Vf @ If = 10mA
3.0


Similar Part No. - SMT-SLD-L2N1-1

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0440-S-R PUIAUDIO-SMT-0440-S-R Datasheet
249Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0440-T-R PUIAUDIO-SMT-0440-T-R Datasheet
256Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
ATMEL Corporation
SMT-0540-S-R ATMEL-SMT-0540-S-R Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
PUI audio inc.
SMT-0540-S-R PUIAUDIO-SMT-0540-S-R Datasheet
1Mb / 3P
   side-firing electromechanical transducer designed for 2 to 4 Vp-p
logo
Projects Unlimited, Inc...
SMT-0540-T-2-R PUI-SMT-0540-T-2-R Datasheet
209Kb / 1P
   ADDED TERMINAL MATERIAL PLATING
More results

Similar Description - SMT-SLD-L2N1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
   SpiceLED InGaN M-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-ULD DOMINANT-SMW-ULD Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
SST-SLD-L2N1-1 DOMINANT-SST-SLD-L2N1-1 Datasheet
788Kb / 12P
   SpiceLED InGaN S-Spice
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
   SpiceLED InGaN S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
   SpiceLED InGaN White S-Spice
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com