Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDW-CJD-R1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDW-CJD-R1
Description  LED InGaN White
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-CJD-R1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDW-CJD-R1 Datasheet HTML 1Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
28/09/2005 V2.0
2
InGaN White: DDW-xJD
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
DDW-CJD-RS2-1
• DDW-CJD-R1
• DDW-CJD-R2
• DDW-CJD-S1
• DDW-CJD-S2
DDW-CJD-ST1-1
• DDW-CJD-S1
• DDW-CJD-S2
• DDW-CJD-T1
DDW-SJD-ST2-1
• DDW-SJD-S1
• DDW-SJD-S2
• DDW-SJD-T1
• DDW-SJD-T2
DDW-UJD-TU2-1*
• DDW-UJD-T1
• DDW-UJD-T2
• DDW-UJD-U1
• DDW-UJD-U2
* not for new design
DDW-UJD-UV1-1
• DDW-UJD-U1
• DDW-UJD-U2
• DDW-UJD-V1
DDW-UJD-U2V-1
• DDW-UJD-U2
• DDW-UJD-V1
• DDW-UJD-V2
InGaN
White
120
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
180.0 - 355.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 715.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
450.0 - 900.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
560.0 - 1125.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0


Similar Part No. - DDW-CJD-R1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-CJG DOMINANT-DDW-CJG Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-CJG-5K8L DOMINANT-DDW-CJG-5K8L Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-CJG-I1 DOMINANT-DDW-CJG-I1 Datasheet
1Mb / 15P
   High brightness surface mount LED
More results

Similar Description - DDW-CJD-R1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
   LED InGaN White
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
   Power LED InGaN White
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
   LED InGaN White High Brightness
logo
Marktech Corporate
LP378PWN1-C0G MARKTECH-LP378PWN1-C0G Datasheet
111Kb / 2P
   P4 White InGaN Ultra Bright LED
LP377PWN1-60G MARKTECH-LP377PWN1-60G Datasheet
106Kb / 2P
   P4 InGaN White Ultra Bright LED
LC503NWH1-15H MARKTECH-LC503NWH1-15H Datasheet
246Kb / 3P
   5mm White InGaN/SiC Ultra Bright LED
LC512NWH1-25H MARKTECH-LC512NWH1-25H Datasheet
249Kb / 3P
   5mm InGaN/SiC White Ultra Bright LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-FW00 AVAGO-HLMP-FW00 Datasheet
191Kb / 6P
   5mm Flat Top InGaN White LED Lamp
logo
DOMINANT Semiconductors
DDT-CJS-RS2-1 DOMINANT-DDT-CJS-RS2-1 Datasheet
806Kb / 15P
   LED InGaN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com