Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6201CYZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL6201CYZ
Description  Low Power 430MHz HFM Oscillator with Disable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6201CYZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL6201CYZ Datasheet HTML 2Page - Intersil Corporation EL6201CYZ Datasheet HTML 3Page - Intersil Corporation EL6201CYZ Datasheet HTML 4Page - Intersil Corporation EL6201CYZ Datasheet HTML 5Page - Intersil Corporation EL6201CYZ Datasheet HTML 6Page - Intersil Corporation EL6201CYZ Datasheet HTML 7Page - Intersil Corporation EL6201CYZ Datasheet HTML 8Page - Intersil Corporation EL6201CYZ Datasheet HTML 9Page - Intersil Corporation EL6201CYZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN7216.3
August 2, 2007
used to adjust initial operating points, but they should be
replaced with fixed resistors for further testing.
External voltage sources can be coupled to the RAMP and
RFREQ pins to effect frequency or amplitude modulation or
adjustment. It is recommended that a coupling resistor be
installed in series with the control voltage and mounted
directly next to the EL6201 pin. This will keep the inevitable
high-frequency noise of the EL6201’s local environment from
propagating to the modulation source, and it will keep
parasitic capacitance at the EL6201 pin minimized.
Both inputs have several megahertz of bandwidth for analog
modulation. The output enable pin can be used to pass
digital modulation up to about 20Mbit/sec rates.
Power Dissipation Considerations
Supply current can be predicted by Equation1:
The 12mA quantity represents the operating DC current of
the EL6201. This is also the current drawn from the supply
during output disable. The IOUT quantity is based on a
typical 50% duty cycle of output pull-up current, and the fact
that the peak-to-peak output current is about twice the pull-
up or pull-down currents. The VS quantity is due to CV
2F
losses within the circuit, and the 8*10-12 quantity represents
internal capacitances that must be slewed at the operating
frequency. The 1.6V offset is a curve fit to measured data.
The internal die temperature operating range is -40°C to
+125°C. Internal temperature is equal to the ambient
temperature plus power dissipated times the thermal
resistance of the mounted package,
θ
JA. For a mounted
MSOP-8 package,
θ
JA is 206°C/W. The SOT-23 package
has a
θ
JA of 256°C/W.
Power-Down with the SOT-23 Package
The supply current of the EL6201 is low enough so that a
logic output can simply provide the supply current of the part
and effect power-down. This is most useful using the
EL6201 in the SOT-23 package, which has no enable pin.
RF Applications
The EL6201 can easily interface to reactive loads, and is
adequate as a short-range modulated transmitter.
Remembering that the output circuitry looks like current
sources, impedance matching becomes a matter of
transforming the load impedance to an appropriate load line
for the EL6201. Also important is maintaining correct DC
bias voltage on the output. Since the output will have a net
DC current, capacitor coupling would allow the DC level to
drift toward a supply rail and increase output harmonic
products. In cases where such harmonics are important,
Figure 25 shows coupling the EL6201 output to a 50
Ω load:
Digital Clock Applications
The EL6201 can be used as a digital clock source. If
unloaded, the output will simply traverse ground to VS. It is
recommended that the VS supply be isolated from the main
digital supply with an inductor or resistor, whose value is
chosen to drop about 250mV. In this way logic noise can be
isolated by the series component and the EL6201 local
bypass.
The rise- and fall-time of the output will be equal to
VS/(CLOAD*IOUTP-P/2). The output current should be the
smallest that can set an output rise-time, in the interest of
lowest dissipation.
The jitter is about 0.7% of period, RMS.
-
+
PIN
VREF
FIGURE 24. RFREQ AND RAMP PIN INTERFACE
I
S
12mA
I
OUTp-p
+
4V
S
(
- 1.6V
) FREQ 8 10
-12
×
×
×
+
-------------------------------------------------------------------------------------------------
=
(EQ. 1)
IOUT
EL6201
LCHOKE
C1
C2
R1
VS
R2
L
0.001µF
50
Ω
LOAD
FIGURE 25. TUNED INTERFACE TO 50
Ω LEAD
EL6201


Similar Part No. - EL6201CYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6201CYZ INTERSIL-EL6201CYZ Datasheet
175Kb / 8P
   Low Power 430MHz HFM Oscillator w/Disable
logo
Renesas Technology Corp
EL6201CYZ RENESAS-EL6201CYZ Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Intersil Corporation
EL6201CYZ-T13 INTERSIL-EL6201CYZ-T13 Datasheet
175Kb / 8P
   Low Power 430MHz HFM Oscillator w/Disable
logo
Renesas Technology Corp
EL6201CYZ-T13 RENESAS-EL6201CYZ-T13 Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Intersil Corporation
EL6201CYZ-T7 INTERSIL-EL6201CYZ-T7 Datasheet
175Kb / 8P
   Low Power 430MHz HFM Oscillator w/Disable
More results

Similar Description - EL6201CYZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
   Low Power 430MHz HFM Oscillator w/Disable
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
EL6200C ELANTEC-EL6200C Datasheet
35Kb / 2P
   450 MHz HFM Oscillator
logo
Analog Devices
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com