Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6201CYZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL6201CYZ-T7
Description  Low Power 430MHz HFM Oscillator with Disable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6201CYZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL6201CYZ-T7 Datasheet HTML 2Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 3Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL6201CYZ-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN7216.3
August 2, 2007
Typical Application Circuit
Applications Information
The EL6201 is designed to interface easily to laser diodes to
break up optical feedback resonant modes and thereby
reduce laser noise, but it is also generally useful as a
70MHz to 430MHz oscillator. The first applications section
will focus on laser systems, and subsequent sections are of
general topics.
Laser Diode Applications
The output of the EL6201 is composed of a sourcing and a
sinking current source, switched alternately at the oscillator
frequency. The output voltage compliance is VS to ground,
with about 40
Ω of series resistance. There is no severe
squarewave distortion when the output voltage approaches
the supply extremes, although the corners will be rounded.
Being a current-source output, the output bias voltage is set
by direct connection to the laser diode, which will appear as
a low AC impedance with a DC voltage from 1.6V to 2.5V.
Thus AC coupling from the EL6201 to the diode is
unnecessary. The duty cycle of the output is between 40%
and 60%, so the DC contribution from the EL6201 is only
±5% of the peak-to-peak output. This will cause little
perturbation of the diode’s DC bias current.
Although not necessary, capacitance coupling can be
employed. A series capacitive reactance of less than 30
Ω is
recommended. A 20pF capacitor is thus appropriate at
330MHz. Benefits include no DC error current into the laser
diode, and an attenuation of low-frequency noise from the
EL6201. Disadvantages include perhaps 20% output AC
current loss.
While the diode AC impedance is generally in the low ohm
range, any interconnect will create around 8nH per cm. of
series inductance. Because the EL6201’s output is an AC
current source, higher load reactance due to series
inductance will cause the EL6201’s output voltage to swing
more than what a direct connection to the diode would
cause. At 400MHz and 15mAP-P output, just one cm. will
generate 0.3VP-P of extra driver signal at the fundamental,
and more at harmonic frequencies. The output current
FIGURE 19. SOT23-5 POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. MSOP8 POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
SEMI G42-88 SINGLE LAYER TEST BOARD
AMBIENT TEMPERATURE (°C)
025
50
75
125
100
0.10
0.00
0.20
0.50
0.40
0.30
θJA = 256°C/W
391mW
195mW
SEMI G42-88 SINGLE LAYER TEST BOARD
AMBIENT TEMPERATURE (°C)
025
50
75
125
100
0.10
0.00
0.20
0.60
0.50
0.30
θJA = 206°C/W
486 mW
0.40
243mW
1
2
3
5
4
+5V
+5V
C*
IDC
RFREQ
RAMP
*Optional AC coupling
EL6201


Similar Part No. - EL6201CYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6201CYZ-T7 INTERSIL-EL6201CYZ-T7 Datasheet
175Kb / 8P
   Low Power 430MHz HFM Oscillator w/Disable
logo
Renesas Technology Corp
EL6201CYZ-T7 RENESAS-EL6201CYZ-T7 Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
More results

Similar Description - EL6201CYZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
   Low Power 430MHz HFM Oscillator w/Disable
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
EL6200C ELANTEC-EL6200C Datasheet
35Kb / 2P
   450 MHz HFM Oscillator
logo
Analog Devices
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com