Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDW-UJD-TU2-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDW-UJD-TU2-1
Description  LED InGaN White
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-UJD-TU2-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDW-UJD-TU2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-UJD-TU2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
28/09/2005 V2.0
4
InGaN White : DDW-xJD
DOMINANT TM
Semiconductors
Innovating Illumination
Bin
A1
A2
A3
A4
0.2775
0.2732
0.2775
0.2557
0.2900
0.2939
0.2900
0.2764
Dominant color coordinate is measured with an accuracy of ± 0.01.
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2900
0.2939
0.2900
0.2764
0.3025
0.3146
0.3025
0.2971
0.2900
0.3114
0.2900
0.2939
0.3025
0.3321
0.3025
0.3146
0.2775
0.2907
0.2775
0.2732
0.2900
0.3114
0.2900
0.2939
0.34
0.32
0.30
0.28
0.26
0.24
0.27
0.29
0.35
0.36
0.30
0.31
0.32
0.34
0.33
0.28
0.44
0.42
0.40
0.38
0.36
Dominant White Bin Structure
DDW, White Color Grouping
C1
C2
C3
C4
0.3025
0.3146
0.3025
0.2971
0.3150
0.3354
0.3150
0.3179
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3150
0.3354
0.3150
0.3179
0.3275
0.3561
0.3275
0.3386
0.3150
0.3529
0.3150
0.3354
0.3275
0.3736
0.3275
0.3561
0.3025
0.3321
0.3025
0.3146
0.3150
0.3529
0.3150
0.3354
E1
E2
E3
E4
0.3275
0.3561
0.3275
0.3386
0.3400
0.3768
0.3400
0.3593
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3400
0.3768
0.3400
0.3593
0.3525
0.3975
0.3525
0.3800
0.3400
0.3943
0.3400
0.3768
0.3525
0.4150
0.3525
0.3975
0.3275
0.3736
0.3275
0.3561
0.3400
0.3943
0.3400
0.3768
Bin
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
A1
A2
A3
A4
C1
C2
C3
C4
E1
E2
E3
E4


Similar Part No. - DDW-UJD-TU2-1

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DDW-UJ2-TU1-1 ROITHNER-DDW-UJ2-TU1-1 Datasheet
210Kb / 7P
   white SMD LED
logo
DOMINANT Semiconductors
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
More results

Similar Description - DDW-UJD-TU2-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
   LED InGaN White
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
   Power LED InGaN White
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
   LED InGaN White High Brightness
logo
Marktech Corporate
LP378PWN1-C0G MARKTECH-LP378PWN1-C0G Datasheet
111Kb / 2P
   P4 White InGaN Ultra Bright LED
LP377PWN1-60G MARKTECH-LP377PWN1-60G Datasheet
106Kb / 2P
   P4 InGaN White Ultra Bright LED
LC503NWH1-15H MARKTECH-LC503NWH1-15H Datasheet
246Kb / 3P
   5mm White InGaN/SiC Ultra Bright LED
LC512NWH1-25H MARKTECH-LC512NWH1-25H Datasheet
249Kb / 3P
   5mm InGaN/SiC White Ultra Bright LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-FW00 AVAGO-HLMP-FW00 Datasheet
191Kb / 6P
   5mm Flat Top InGaN White LED Lamp
logo
DOMINANT Semiconductors
DDT-CJS-RS2-1 DOMINANT-DDT-CJS-RS2-1 Datasheet
806Kb / 15P
   LED InGaN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com