Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10A-Y1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LM10A-Y1
Description  LINEARlight Flex
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LM10A-Y1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LM10A-Y1 Datasheet HTML 1Page - OSRAM GmbH LM10A-Y1 Datasheet HTML 2Page - OSRAM GmbH LM10A-Y1 Datasheet HTML 3Page - OSRAM GmbH LM10A-Y1 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Assembly Information
Connection with soldering wires on unmounted module: Do not pretin the solderpads but pretin the wires and solder for max 4 s at
300 °C. Allow solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
Soldering of wires with the module mounted on a heatsink: Pretin solderpads and wires and solder for max 3 s at 350 °C. Allow
solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
The smallest unit (140 mm- 10 LEDs) can be removed by cutting with scissors between the designated solder pads.
The mounting of the module is facilitated by means of the double-sided adhesive on the back-surface of the module. Care must be
taken to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particle. The mounting substrate
must have sufficient structural integrity. Take care to completely remove the protective backing. Once the module is appropriately
positioned, press on the module with about 20N/cm² (refer to application techniques of 3M adhesive transfer tapes). In difficult
cases the use of a primer may help.
The minimum bending radius is 2 cm. The module may be bent over a smaller radius but only in regions of the circuit board
containing no electronic components and such bends should be made once and fixed in position to avoid cyclic fatigue.
The thermal length expansion coefficient of the modul is 17*10^-6cm/cm/K. When installing in environments with large variations in
temperature (e.g. outdoor applications) and operating length of more than 2 m, the use of metallic mounting surfaces is necessary.
Otherwise it is advisable to use an additional thicker adhesive tape to absorb the stress of any mismatch in expansion coefficients.
Productgroup
Productname
EAN *
S-Unit *
Ordering Guide
LINEARlight Flex
LM10A-W2-865
4050300887265
8
LINEARlight Flex
LM10A-W1-865
4050300873817
8
LINEARlight Flex
LM10A-W2-854
4050300887289
8
LINEARlight Flex
LM10A-W1-854
4050300817170
8
LINEARlight Flex
LM10A-W2-847
4008321040145
8
LINEARlight Flex
LM10A-W1-847
4050300817156
8
LINEARlight Flex
LM10A-W3-727
4008321186171
8
LINEARlight Flex
LM10A-A1
4008321040060
8
LINEARlight Flex
LM10A-Y1
4050300946030
8
LINEARlight Flex
LM10A-T2
4008321168832
8
LINEARlight Flex
LM10A-B1
4050300945491
8
EAN: Ordering number per single module
S-Unit: Modules per shipping unit
*)
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Related and Further Information
The new dimension of light
153 S006 GB
New creativity in lighting design
LED Modules for illuminated signs
138 W002 GB
OPTOTRONIC® Technical Guide
130 T008 GB
OPTOTRONIC® Data Sheets
http://catalog.myosram.com
OSRAM LED systems
www.osram.com/led-systems
Datasheet CONNECTsystem LM-xx Flex
www.osram.com/led-systems-downloads
Sales and Technical Support
Sales and technical support is given by the
local OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete
address and phone numbers.
OSRAM GmbH
Hellabrunner Strasse 1
D - 81536 München
Germany
www.osram.com
+49 (0)89 6213-0
Page 4 of 4
LM10A - 20.07.2007


Similar Part No. - LM10A-Y1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LM10A GOOD-ARK-LM10A Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Cynergy3 Co
LM10A CYNERGY3-LM10A Datasheet
1Mb / 2P
   For smaller tanks and restricted space
LM10AN10 CYNERGY3-LM10AN10 Datasheet
1Mb / 2P
   For smaller tanks and restricted space
LM10AS10 CYNERGY3-LM10AS10 Datasheet
1Mb / 2P
   For smaller tanks and restricted space
LM10AU10 CYNERGY3-LM10AU10 Datasheet
1Mb / 2P
   For smaller tanks and restricted space
More results

Similar Description - LM10A-Y1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
   LINEARlight Flex Protect ADVANCED
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
logo
List of Unclassifed Man...
70105 ETC2-70105 Datasheet
419Kb / 4P
   LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com