Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC-CRS-S2 Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # DDC-CRS-S2
Description  LED InGaN - Reverse Gull-wing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDC-CRS-S2 Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button DDC-CRS-S2 Datasheet HTML 2Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 3Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 4Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 5Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 6Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 7Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 8Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 9Page - DOMINANT Semiconductors DDC-CRS-S2 Datasheet HTML 10Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 8 of 8
Taping And Orientation.
Reels come in quantity of 8000 units or 2000 units.
Reel diameters are 330 mm and 180 mm respectively.


Similar Part No. - DDC-CRS-S2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDC-CJS-R1 DOMINANT-DDC-CJS-R1 Datasheet
806Kb / 15P
   LED InGaN
DDC-CJS-R2 DOMINANT-DDC-CJS-R2 Datasheet
806Kb / 15P
   LED InGaN
DDC-CJS-RS2-1 DOMINANT-DDC-CJS-RS2-1 Datasheet
806Kb / 15P
   LED InGaN
DDC-CJS-S1 DOMINANT-DDC-CJS-S1 Datasheet
806Kb / 15P
   LED InGaN
DDC-CJS-S2 DOMINANT-DDC-CJS-S2 Datasheet
806Kb / 15P
   LED InGaN
More results

Similar Description - DDC-CRS-S2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-UYC-S530-A4-TR10-1 EVERLIGHT-65-21-UYC-S530-A4-TR10-1 Datasheet
198Kb / 10P
   Mini TOP LEDs (Reverse Gull Wing)
65-21-GVC-AK2M1Z-3AA EVERLIGHT-65-21-GVC-AK2M1Z-3AA Datasheet
233Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-SYGC-S530-E2-TR10-1 EVERLIGHT-65-21-SYGC-S530-E2-TR10-1 Datasheet
196Kb / 9P
   Mini TOP LEDs (Reverse Gull Wing)
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
   Axial LED, GUll WING LEADS
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228YC-TR11 LUMEX-SSL-LXA228YC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228DRC-TR11 LUMEX-SSL-LXA228DRC-TR11 Datasheet
62Kb / 1P
   Axial LED, Gull Wing Leads
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11_17 Datasheet
65Kb / 1P
   Axial LED Gull WING LEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com