Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDY-GJS-D1 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # DDY-GJS-D1
Description  LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDY-GJS-D1 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button DDY-GJS-D1 Datasheet HTML 5Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 6Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 7Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 8Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 9Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 10Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 11Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 12Page - DOMINANT Semiconductors DDY-GJS-D1 Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
25/07/2006 V2.0
11
Recommended Sn-Pb IR-Reflow Soldering Profile
275
250
225
200
175
150
125
100
75
50
25
0
50
100
150
200
183˚C
Ramp-up
3˚C/sec max.
235-240˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-120s
360s max
Time (sec)
Classification Reflow Profile (JEDEC J-STD-020C)
0
50
100
150
200
300
250
225
200
175
150
125
100
75
50
25
275
Classification Reflow Profile (JEDEC J-STD-020C)
Ramp-up
3˚C/sec max.
255-260˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-180s
480s max
217˚C
Recommended Pb-free Soldering Profile
GaP : DDx-GJS-I2
DOMINANT TM
Semiconductors
Innovating Illumination


Similar Part No. - DDY-GJS-D1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDY-GJS-H2 DOMINANT-DDY-GJS-H2 Datasheet
173Kb / 8P
   LED GaP
DDY-GJS-H2K1-1-I1 DOMINANT-DDY-GJS-H2K1-1-I1 Datasheet
173Kb / 8P
   LED GaP
DDY-GJS-J1 DOMINANT-DDY-GJS-J1 Datasheet
173Kb / 8P
   LED GaP
DDY-GJS-J2 DOMINANT-DDY-GJS-J2 Datasheet
173Kb / 8P
   LED GaP
DDY-GJS-K1 DOMINANT-DDY-GJS-K1 Datasheet
173Kb / 8P
   LED GaP
More results

Similar Description - DDY-GJS-D1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com