Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMST-CJS-PS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DMST-CJS-PS
Description  Multi LED Bi-Color
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DMST-CJS-PS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DMST-CJS-PS Datasheet HTML 1Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 2Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 3Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 4Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 5Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 6Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 7Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 8Page - DOMINANT Semiconductors DMST-CJS-PS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
19/07/2007 V19.0
4
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Super-red
Red
Amber
Yellow
Green
True Green
Blue
2.00
2.00
2.00
2.00
2.00
3.60
3.60
2.45
2.45
2.45
2.45
2.45
4.00
4.00
Vf Binning (Optional)
Vf Bin @ 20mA
00
01
02
03
04
3.05 ... 3.35
3.35 … 3.65
3.65 … 3.95
3.95 … 4.25
4.25 ...4.55
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Bi-Color
DOMINANT TM
Semiconductors
Innovating Illumination
Red, Amber,Yellow, Green; AlInGaP (V)
1.25 ... 1.55
1.55 … 1.85
1.85 … 2.15
2.15 … 2.45
2.45 ... 2.75
True Green, Blue; InGaN (V)
Please consult sales and marketing for special part number to inorporate Vf binning.
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD thereshold (HBM)
LED juction temperature
Operating temperature
Storage temperature
Red, Amber, Yellow, Green; AlInGaP=30;
True Green, Blue; InGaN=20
Red, Amber, Yellow, Green; AlInGaP=1000;
True Green, Blue; InGaN=200
Red, Amber, Yellow, Green; AlInGaP=12;
True Green, Blue; InGaN=5
2
125
-40 … +100
-40 … +100
mA
mA
V
kV
˚C
˚C
˚C


Similar Part No. - DMST-CJS-PS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS-05V MURATA-DMS-05V Datasheet
210Kb / 4P
   0-5V and 0-10V Input 3쩍 Digit, LED Display Process Control Monitors
logo
Merrimac Industries, In...
DMS-2-250 MERRIMAC-DMS-2-250 Datasheet
79Kb / 1P
   DOUBLE BALANCED MIXER
DMS-2-50 MERRIMAC-DMS-2-50 Datasheet
79Kb / 1P
   DOUBLE BALANCED MIXER
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DMS-20-CP MURATA-DMS-20-CP Datasheet
172Kb / 2P
   Self-Powered LED Display 480V AC Line Monitor
More results

Similar Description - DMST-CJS-PS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DMRY-GJS-LM DOMINANT-DMRY-GJS-LM Datasheet
903Kb / 12P
   Multi LED GaP : Bi-Color
logo
Everlight Electronics C...
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
15-22SURSYGC EVERLIGHT-15-22SURSYGC Datasheet
236Kb / 10P
   Chip LED with Bi-Color (Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com