Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDY-CJE-T2 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # DDY-CJE-T2
Description  LED Colored Resin
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDY-CJE-T2 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button DDY-CJE-T2 Datasheet HTML 6Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 7Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 8Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 9Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 10Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 11Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 12Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 13Page - DOMINANT Semiconductors DDY-CJE-T2 Datasheet HTML 14Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
23/04/2007 V5.0
11
Packaging Specification
Moisture sensitivity level
Barcode label
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Average 1pc DomiLED/Multi DomiLED
1 completed bag (2000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
55 reels MAX
Small
Large
For DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
30,000 MAX
110,000 MAX
DOMINANT Semiconductors
LOT NO : lotno
PART NO : partno
QTY : qty
S/N : xxx
D/C: xxxx
GROUP : group
Weight (gram)
0.034
190 ± 10
ROHS Compliant
PB Free
Colored Resin : DDx-xJE
DOMINANT TM
Semiconductors
Innovating Illumination
DOMINANT TM
Semiconductors


Similar Part No. - DDY-CJE-T2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDY-CJS DOMINANT-DDY-CJS Datasheet
760Kb / 12P
   LED AlInGaP
DDY-CJS-K1 DOMINANT-DDY-CJS-K1 Datasheet
760Kb / 12P
   LED AlInGaP
DDY-CJS-K2 DOMINANT-DDY-CJS-K2 Datasheet
760Kb / 12P
   LED AlInGaP
DDY-CJS-KL2-1-I2 DOMINANT-DDY-CJS-KL2-1-I2 Datasheet
760Kb / 12P
   LED AlInGaP
DDY-CJS-L1 DOMINANT-DDY-CJS-L1 Datasheet
760Kb / 12P
   LED AlInGaP
More results

Similar Description - DDY-CJE-T2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDY-EJE-T2U-1 DOMINANT-DDY-EJE-T2U-1 Datasheet
816Kb / 12P
   LED Colored Resin
logo
Everlight Electronics C...
EAPL3527BA1-AM EVERLIGHT-EAPL3527BA1-AM Datasheet
457Kb / 11P
   Colored diffused resin.
logo
OSRAM GmbH
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
   white SMT package, colored silicone resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
   white SMT package, colored diffused resin
LUW-JDSH.EC-F OSRAM-LUW-JDSH.EC-F Datasheet
344Kb / 22P
   white SMT package, colored silicone resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
   white SMT package, colored diffused resin
LW-L28G OSRAM-LW-L28G Datasheet
576Kb / 23P
   SMT footprint 0603, colored diffused resin
KW-DPLS31.EC OSRAM-KW-DPLS31.EC Datasheet
1Mb / 24P
   SMD epoxy package, colored silicone resin
LW-QH8G OSRAM-LW-QH8G Datasheet
673Kb / 21P
   SMT package 0402, colored diffused resin
LUW-JDSI.EC OSRAM-LUW-JDSI.EC Datasheet
344Kb / 22P
   white SMT package, colored silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com