Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3105 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 7Page - Maxim Integrated Products DS3105 Datasheet HTML 8Page - Maxim Integrated Products DS3105 Datasheet HTML 9Page - Maxim Integrated Products DS3105 Datasheet HTML 10Page - Maxim Integrated Products DS3105 Datasheet HTML 11Page - Maxim Integrated Products DS3105 Datasheet HTML 12Page - Maxim Integrated Products DS3105 Datasheet HTML 13Page - Maxim Integrated Products DS3105 Datasheet HTML 14Page - Maxim Integrated Products DS3105 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
11 of 110
6 PIN DESCRIPTIONS
Table 6-1. Input Clock Pin Descriptions
Pin Name
(1)
Type
(2)
Pin Description
REFCLK
I
Reference Clock.
Connect to a 12.800 MHz, high-accuracy, high-stability, low-noise local oscillator (XO or
TCXO). See section 7.3.
IC3
IPD
Input Clock 3
.
CMOS/TTL. Programmable frequency (default 8 kHz).
This input can be associated with the SYNC1 pin.
IC4
IPD
Input Clock 4
.
CMOS/TTL. Programmable frequency (default 8 kHz).
This input can be associated with the SYNC2 pin.
IC5POS,
IC5NEG
IDIFF
Input Clock 5
.
LVDS/LVPECL or CMOS/TTL. Programmable frequency (default 19.44 MHz).
LVDS/LVPECL: see Table 10-4, Figure 10-1 and Figure 10-2.
CMOS/TTL: Bias IC5NEG to 1.4V and connect the single-ended signal to IC5POS.
This input can be associated with the SYNC1 pin.
IC6POS,
IC6NEG
IDIFF
Input Clock 6
.
LVDS/LVPECL or CMOS/TTL. Programmable frequency (default 19.44 MHz).
LVDS/LVPECL: see Table 10-4, Figure 10-1 and Figure 10-2.
CMOS/TTL: Bias IC6NEG to 1.4V and connect the single-ended signal to IC6POS.
This input can be associated with the SYNC2 pin.
IC9
IPD
Input Clock 9
.
CMOS/TTL. Programmable frequency (default 19.44 MHz).
This input can be associated with the SYNC3 pin.
SYNC1
IPD
Frame Sync1 Input
. 2 kHz, 4 kHz or 8 kHz.
FSCR3:SOURCE != 11XX
This pin is the external frame sync input associated with any input pin using the
FSCR3:SOURCE field.
FSCR3:SOURCE = 11XX
This pin is the external frame sync signal associated with IC3 or IC5 depending on
which one is currently selected and the setting of FSCR1.SYNCSRC[1:0].
SYNC2
IPD
Frame Sync2 Input
. 2 kHz, 4 kHz or 8 kHz.
FSCR3:SOURCE != 11XX
This pin is not used for the external frame sync signal.
FSCR3:SOURCE = 11XX
This pin is the external frame sync signal associated with IC4 or IC6 depending on
which one is currently selected and the setting of FSCR1.SYNCSRC[1:0].
SYNC3 / O3F0
IPU
Frame Sync3 Input
. 2 kHz, 4 kHz or 8 kHz. / OC3 Frequency Select 0.
This pin is sampled when the
RST pin goes high and the value is used as O3F0 which together
with O3F2 and O3F1 sets the default frequency of the OC3 output clock pin. See Table 7-18.
After
RST goes high this pin becomes the SYNC3 input pin (2, 4 or 8 kHz) associated with IC9.
It is only used as SYNC3 when FSCR2.SOURCE = 11XX.
Table 6-2. Output Clock Pin Descriptions
Pin Name
(1)
Type
(2)
Pin Description
OC3
O
Output Clock 3
.
CMOS/TTL. Programmable frequency. Default frequency selected by O3F[2:0] pins when the
RST pin goes high, 19.44 MHz if O3F[2:0] pins left open). See Table 7-18.
OC6POS,
OC6NEG
ODIFF
Output Clock 6
.
LVDS/LVPECL. Programmable frequency. Default frequency selected by O6F[2:0] pins when
the
RST pin goes high, 38.88 MHz if O6F[2:0] pins left open). The output mode is selected by
MCR8.OC6SF[1:0]. See Table 10-5, Table 10-6 , Figure 10-1 and Figure 10-3.
FSYNC
O3
8 kHz FSYNC.
CMOS/TTL. 8 kHz frame sync or clock. (default 50% duty cycle clock, non-inverted) The pulse
polarity and width are selectable using FSCR1.8KINV and FSCR1.8KPUL.
MFSYNC
O3
2 kHz MFSYNC.
CMOS/TTL. 2 kHz frame sync or clock. (default 50% duty cycle clock, non-inverted) The pulse
polarity and width are selectable using FSCR1.2KINV and FSCR1.2KPUL.


Similar Part No. - DS3105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105 MAXIM-DS3105 Datasheet
595Kb / 120P
   Line Card Timing IC
Rev 3; 5/09
logo
TT Electronics.
DS3105 TTELEC-DS3105 Datasheet
280Kb / 1P
   Thermocouple Compensating Cable
logo
Maxim Integrated Produc...
DS3105LN MAXIM-DS3105LN Datasheet
595Kb / 120P
   Line Card Timing IC
Rev 3; 5/09
DS3105LN++ MAXIM-DS3105LN+ Datasheet
595Kb / 120P
   Line Card Timing IC
Rev 3; 5/09
DS3105 MAXIM-DS3105_09 Datasheet
595Kb / 120P
   Line Card Timing IC
Rev 3; 5/09
More results

Similar Description - DS3105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105 MAXIM-DS3105_09 Datasheet
595Kb / 120P
   Line Card Timing IC
Rev 3; 5/09
DS3106 MAXIM-DS3106 Datasheet
491Kb / 87P
   Line Card Timing IC
Rev 3; 5/09
DS3104-SE MAXIM-DS3104-SE Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
   Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
logo
SHENZHEN FUMAN ELECTRON...
SC024 FUMAN-SC024 Datasheet
141Kb / 3P
   Cyclic timing IC
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com