Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTPM749A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PTPM749A
Description  Microcontroller with TrackPoint microcode from IBM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTPM749A Datasheet(HTML) 2 Page - NXP Semiconductors

  PTPM749A Datasheet HTML 1Page - NXP Semiconductors PTPM749A Datasheet HTML 2Page - NXP Semiconductors PTPM749A Datasheet HTML 3Page - NXP Semiconductors PTPM749A Datasheet HTML 4Page - NXP Semiconductors PTPM749A Datasheet HTML 5Page - NXP Semiconductors PTPM749A Datasheet HTML 6Page - NXP Semiconductors PTPM749A Datasheet HTML 7Page - NXP Semiconductors PTPM749A Datasheet HTML 8Page - NXP Semiconductors PTPM749A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
TPM749
Microcontroller with TrackPoint
™ microcode from IBM
2
1996 May 01
853-1831 16753
DESCRIPTION
The Philips Semiconductors TPM749 is a small package, low cost,
ROM-coded 80C51 with IBM
®’s TrackPoint™ pointing algorithms
and control code. TrackPoint is the result of years of human factors
research and innovation at IBM. The result is a “velocity sensitive”
pointing solution more efficient and easier to use than “position
sensitive” devices such as the mouse, the trackball, or the touchpad.
IBM has licensed Philips Semiconductors to sell microcontrollers
with TrackPoint code. By purchasing a TPM from Philips, the
purchaser becomes a sub-licensee of Philips. The selling price of
Philips’ TPM includes the royalties for IBM’s intellectual property,
which Philips in turn pays to IBM. Customers for TPMs do not need
to sign any licensing agreement with either IBM or Philips. This code
is the intellectual property of IBM, which is covered by numerous
patents, and must be treated accordingly.
The TPM is fabricated with Philips high-density CMOS technology.
Philips epitaxial substrate minimizes CMOS latch-up sensitivity.
The TPM contains a 2k
× 8 ROM, a 64 × 8 RAM, 21 I/O lines, a
16-bit auto-reload counter/timer, a fixed-priority level interrupt
structure, an on-chip oscillator, a five channel multiplexed 8-bit A/D
converter, and an 8-bit PWM output.
The TPM supports two power reduction modes of operation referred
to as the idle mode and the power-down mode.
FEATURES
80C51 based architecture
Small package sizes
– 28-pin Shrink Small Outline Package (SSOP)
– 28-pin PLCC
Low power consumption:
– Normal operation: less than 11mA @ 5V, 12MHz
– Idle mode
– Power-down mode
2k × 8 ROM
64 × 8 RAM
16-bit auto reloadable counter/timer
5-channel 8-bit A/D converter
8-bit PWM output/timer
10-bit fixed-rate timer
CMOS and TTL compatible
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
14
13
15
16
17
18
19
20
21
22
23
24
P3.4/A4
P3.3/A3
P3.2/A2/A10
P3.1/A1/A9
P3.0/A0/A8
P0.2
RST
X2
X1
VSS
P0.0/ASEL
P1.4/ADC4/D4
AVSS
AVCC
P1.5/INT0/D5
P1.6/INT1/D6
P1.7/T0/D7
P0.3
P0.4/PWM OUT
P3.7/A7
P3.6/A6
P3.5/A5
VCC
SHRINK
SMALL
OUTLINE
PACKAGE
PLASTIC
LEADED
CHIP
CARRIER
4
1
26
5
11
25
19
12
18
P0.1/OE
25
26
27
28
P1.0/ADC0/D0
P1.1/ADC1/D1
P1.3/ADC3/D3
P1.2/ADC2/D2
Pin
Function
1
P3.4/A4
2
P3.3/A3
3
P3.2/A2/A10
4
P3.1/A1/A9
5
P3.0/A0/A8
6
P0.2
7
P0.1/OE
8
P0.0/ASEL
9
RST
10
X2
11
X1
12
VSS
13
P1.0/ADC0/D0
14
P1.1/ADC1/D1
Pin
Function
15
P1.2/ADC2/D2
16
P1.3/ADC3/D3
17
P1.4/ADC4/D4
18
AVSS
19
AVCC
20
P1.5/INT0/D5
21
P1.6/INT1/D6
22
P1.7/T0/D7
23
P0.3
24
P0.4/PWM OUT
25
P3.7/A7
26
P3.6/A6
27
P3.5/A5
28
VCC
SU00692A
ORDERING INFORMATION
ORDERING CODE
TEMPERATURE RANGE AND PACKAGE
DRAWING NUMBER
PTPM749 A
0 to +70
°C, Plastic Leaded Chip Carrier
SOT261-3
PTPM749 DB
0 to +70
°C, Shrink Small Ouline Package
SOT341-1
For compatible pointing device, contact:
COMPANY
CONTACT
TELEPHONE
Bokam Engineering
Ms. Jane Kamenster
(714)513-2200
CTS Corporation
Mr. Dave Poole
(219)589-7169
IBM is a registered trademark, and TrackPoint is a trademark of IBM Corporation.


Similar Part No. - PTPM749A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTPM754ADB PHILIPS-PTPM754ADB Datasheet
81Kb / 12P
   Microcontroller with TrackPoint microcode from IBM
1999 Nov 11
More results

Similar Description - PTPM749A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TPM754A PHILIPS-TPM754A Datasheet
81Kb / 12P
   Microcontroller with TrackPoint microcode from IBM
1999 Nov 11
logo
Rochester Electronics
AM186ED-40KI ROCHESTER-AM186ED-40KI Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
STMicroelectronics
AN3427 STMICROELECTRONICS-AN3427 Datasheet
381Kb / 52P
   Migrating a microcontroller application from STM32F1 to STM32F2 series
AN3422 STMICROELECTRONICS-AN3422 Datasheet
317Kb / 52P
   Migration of microcontroller applications from STM32F1 to STM32L1 series
logo
Sanyo Semicon Device
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
ATMEGA128RFR2 ATMEL-ATMEGA128RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
Rochester Electronics
TN87C51FA ROCHESTER-TN87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com