Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDW-URD-TU2-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDW-URD-TU2-1
Description  LED InGaN - Reverse Gull-wing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-URD-TU2-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDW-URD-TU2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-URD-TU2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 4 of 4
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
DDB; Blue
Full
W
X
Y
464 - 476
464 - 468
468 - 472
472 - 476
DDC; Cyan
Full
W
X
Y
499 - 511
499 - 503
503 - 507
507 - 511
DDT; True Green
Full
W
X
Y
Z
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
Dominant wavelength is measured with an accuracy of
±1 nm.
DDW, White Color Grouping
Dominant W hite Bin Structure
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
C3
C2
A2
E2
C1
C4
A1
A4
A3
E1
E4
E3


Similar Part No. - DDW-URD-TU2-1

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DDW-UJ2-TU1-1 ROITHNER-DDW-UJ2-TU1-1 Datasheet
210Kb / 7P
   white SMD LED
logo
DOMINANT Semiconductors
DDW-UJD-T1 DOMINANT-DDW-UJD-T1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-T2 DOMINANT-DDW-UJD-T2 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-TU2-1 DOMINANT-DDW-UJD-TU2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-U1 DOMINANT-DDW-UJD-U1 Datasheet
800Kb / 13P
   LED InGaN White
More results

Similar Description - DDW-URD-TU2-1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-UYC-S530-A4-TR10-1 EVERLIGHT-65-21-UYC-S530-A4-TR10-1 Datasheet
198Kb / 10P
   Mini TOP LEDs (Reverse Gull Wing)
65-21-GVC-AK2M1Z-3AA EVERLIGHT-65-21-GVC-AK2M1Z-3AA Datasheet
233Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-SYGC-S530-E2-TR10-1 EVERLIGHT-65-21-SYGC-S530-E2-TR10-1 Datasheet
196Kb / 9P
   Mini TOP LEDs (Reverse Gull Wing)
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
   Axial LED, GUll WING LEADS
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228YC-TR11 LUMEX-SSL-LXA228YC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228DRC-TR11 LUMEX-SSL-LXA228DRC-TR11 Datasheet
62Kb / 1P
   Axial LED, Gull Wing Leads
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11_17 Datasheet
65Kb / 1P
   Axial LED Gull WING LEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com