Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54ALS373AJ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ALS373AJ
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ALS373AJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54ALS373AJ Datasheet HTML 2Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 3Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 4Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 5Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 6Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 7Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 8Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 9Page - Texas Instruments SNJ54ALS373AJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN54ALS373A, SN54AS373, SN74ALS373A, SN74AS373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDAS083C – APRIL 1982 – REVISED MARCH 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS373
SN74AS373
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V to 5.5 V,
IOH = –2 mA
VCC–2
VCC–2
VOH
VCC =4 5V
IOH = –12 mA
2.4
3.2
V
VCC = 4.5 V
IOH = –15 mA
2.4
3.3
VOL
VCC =4 5V
IOL = 32 mA
0.27
0.5
V
VOL
VCC = 4.5 V
IOL = 48 mA
0.32
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–50
–50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.02
–0.5
–0.02
–0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
Outputs high
55
90
55
90
ICC
VCC = 5.5 V
Outputs low
55
85
55
85
mA
Outputs disabled
65
100
65
100
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX§
UNIT
SN54AS373
SN74AS373
MIN
MAX
MIN
MAX
tPLH
D
Q
3
9
3.5
6
ns
tPHL
D
Q
3
8
3.5
6
ns
tPLH
LE
AQ
6.5
14.5
6.5
11.5
ns
tPHL
LE
Any Q
5
9
5
7.5
ns
tPZH
OE
AQ
2
7.5
2
6.5
ns
tPZL
OE
Any Q
4.5
10.5
4.5
9.5
ns
tPHZ
OE
Any Q
3
10
3
6.5
ns
tPLZ
OE
Any Q
3
8
3
7
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SNJ54ALS373AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS373AJ TI-SNJ54ALS373AJ Datasheet
140Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54ALS373AJ TI-SNJ54ALS373AJ Datasheet
711Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54ALS373AJ TI1-SNJ54ALS373AJ Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SNJ54ALS373AJ TI1-SNJ54ALS373AJ Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED MARCH 2002
More results

Similar Description - SNJ54ALS373AJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com