Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SCE9HMT9 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCE9HMT9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCE9HMT9 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP8SCE9HMT9 Datasheet HTML 4Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 5Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 6Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 7Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 8Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 9Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 10Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 11Page - National Semiconductor (TI) COP8SCE9HMT9 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
2.0 Electrical Characteristics (Continued)
TABLE 1. DC Electrical Characteristics (0˚C
≤ T
A ≤ +70˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Output Current Levels
B0-B3 Outputs
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−10
µA
V
CC = 2.7V, VOH = 1.8V
-5
µA
Source (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOH = 4.2V
−10
mA
V
CC = 2.7V, VOH = 2.4V
−6
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 0.3V
10
mA
V
CC = 2.7V, VOL = 0.3V
6
mA
Allowable Sink and Source Current per Pin
20
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−10
µA
V
CC = 2.7V, VOH = 1.8V
−5
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−7
mA
V
CC = 2.7V, VOH = 1.8V
−4
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.7V, VOL = 0.4V
3.5
mA
Allowable Sink and Source Current per Pin
15
mA
TRI-STATE Leakage
V
CC = 5.5V
−0.5
+0.5
µA
Maximum Input Current without Latchup (Note 5)
±200
mA
RAM Retention Voltage, V
R (in HALT Mode)
2.0
V
Input Capacitance
7pF
Voltage on G6 to Force Execution from Boot
ROM(Note 8)
G6 rise time must be slower
than 100 ns
2xV
CC
V
CC +7
V
G6 Rise Time to Force Execution from Boot ROM
100
nS
Input Current on G6 when Input > V
CC
V
IN =11V,VCC = 5.5V
500
µA
Flash Memory Data Retention
25˚C
100
yrs
Flash Memory Number of Erase/Write Cycles
See
Table 14, Typical Flash
Memory Endurance
10
5
cycles
AC Electrical Characteristics (0˚C
≤ T
A ≤ +70˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator
4.5V
≤ V
CC ≤ 5.5V
0.5
DC
µs
2.7V
≤ V
CC < 4.5V
1.5
DC
µs
Flash Memory Page Erase Time
See
Table 14, Typical
Flash Memory
Endurance
1ms
Flash Memory Mass Erase Time
8
ms
Frequency of MICROWIRE/PLUS in
Slave Mode
2
MHz
MICROWIRE/PLUS Setup Time (t
UWS)20
ns
MICROWIRE/PLUS Hold Time (t
UWH)20
ns
MICROWIRE/PLUS Output Propagation
Delay (t
UPD)
150
ns
www.national.com
8


Similar Part No. - COP8SCE9HMT9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SCR9 NSC-COP8SCR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8SCR9 TI1-COP8SCR9 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
National Semiconductor ...
COP8SCR9HLQ7 NSC-COP8SCR9HLQ7 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SCR9HLQ8 NSC-COP8SCR9HLQ8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SCR9HVA7 NSC-COP8SCR9HVA7 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
More results

Similar Description - COP8SCE9HMT9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
[Old version datasheet]   COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
National Semiconductor ...
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com