Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-QMT-500 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E5CN-QMT-500
Description  Digital Temperature Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-QMT-500 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E5CN-QMT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 10Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 11Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 12Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 13Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 14Page - Omron Electronics LLC E5CN-QMT-500 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
11
Nomenclature
E5CN
E5CN-U
The front panel is the same for the E5CN and E5CN-U.
Dimensions
■ Standard Models
Operation indicators
Level Key
Temperature unit
No.1 display
No. 2 display
Up Key
Mode Key
Down Key
48
× 48
Terminal Cover
(E53-COV10)
6
58
44.8
× 44.8 48.8
91
78
Mounting Adapter
(Accessory)
60 min.
(48
× number of units −2.5)+1.0
0
45
+0.6
0
45
+0.6
0
45
+0.6
0
Group mounting does not
allow waterproofing.
Panel Cutout
Mounted Separately
Group Mounted
E5CN
Terminal Models
• Recommended panel thickness is 1 to
5 mm.
• Group mounting is not possible in the
vertical direction. (Maintain the
specified mounting space between
Controllers.)
• To mount the Controller so that it is
waterproof, insert the waterproof
packing onto the Controller.
• When two or more Controllers are
mounted, make sure that the
surrounding temperature does not
exceed the allowable operating
temperature specified in the
specifications.
6
14.2
58
70.5
48
× 48
44.8
× 44.8
Mounting Adapter
(Accessory)
60 min.
(48
× number of units −2.5)
+1.0
0
45
+0.6
0
45
+0.6
0
Panel Cutout
Mounted Separately
Group Mounted
45
+0.6
0
E5CN-U
Plug-in Models
• Recommended panel thickness is 1 to
5 mm.
• Group mounting is not possible in the
vertical direction. (Maintain the
specified mounting space between
Controllers.)
• When two or more Controllers are
mounted, make sure that the
surrounding temperature does not
exceed the allowable operating
temperature specified in the
specifications.


Similar Part No. - E5CN-QMT-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-QMT-500 OMRON-E5CN-QMT-500 Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5CN-QMT-500 OMRON-E5CN-QMT-500 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
More results

Similar Description - E5CN-QMT-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
   Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
   Temperature Controllers
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
48VFL11 EXTECH-48VFL11 Datasheet
134Kb / 1P
   Temperature PID Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com