Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDG-CRS-PQ2-1 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDG-CRS-PQ2-1
Description  LED - AlInGaP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDG-CRS-PQ2-1 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDG-CRS-PQ2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DDG-CRS-PQ2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DOMINANT Semiconductors
18/08/05
DomiLED AlInGaP DDx-xRS - Catalogue-v4
Page 1 of 11
DomiLED – AlInGaP : DDx-xRS
• High brightness surface mount LED.
• 120° viewing angle.
• Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm.
• Qualified according to JEDEC moisture sensitivity Level 2.
• Compatible to both IR reflow soldering and TTW soldering.


Similar Part No. - DDG-CRS-PQ2-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDG-CJS-P1 DOMINANT-DDG-CJS-P1 Datasheet
804Kb / 16P
   LED AlInGaP
DDG-CJS-P2 DOMINANT-DDG-CJS-P2 Datasheet
804Kb / 16P
   LED AlInGaP
DDG-CJS-PQ2-1 DOMINANT-DDG-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
DDG-CJS-Q1 DOMINANT-DDG-CJS-Q1 Datasheet
804Kb / 16P
   LED AlInGaP
DDG-CJS-Q2 DOMINANT-DDG-CJS-Q2 Datasheet
804Kb / 16P
   LED AlInGaP
More results

Similar Description - DDG-CRS-PQ2-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
DDS-CJS-J2L1-1-I2 DOMINANT-DDS-CJS-J2L1-1-I2 Datasheet
760Kb / 12P
   LED AlInGaP
DDS-EJS-S2T-1 DOMINANT-DDS-EJS-S2T-1 Datasheet
780Kb / 12P
   LED AlInGaP
logo
Agilent(Hewlett-Packard...
HLMPCX08 HP-HLMPCX08 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
OSA Opto Light GmbH
194170 OSA-194170 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
181272 OSA-181272 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
193272 OSA-193272 Datasheet
52Kb / 1P
   AlInGaP / GaAs LED Chips
180272 OSA-180272 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
180282 OSA-180282 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
170272 OSA-170272 Datasheet
52Kb / 1P
   AlInGaP / GaAs LED Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com