Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110E1G56F209PD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 110E1G56F209PD
Description  Mechanical Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110E1G56F209PD Datasheet(HTML) 2 Page - Vishay Siliconix

  110E1G56F209PD Datasheet HTML 1Page - Vishay Siliconix 110E1G56F209PD Datasheet HTML 2Page - Vishay Siliconix 110E1G56F209PD Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 57089
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 05-Aug-04
137
110E
Mechanical Encoder
Vishay Spectrol
SAP PART NUMBERING GUIDELINES
11
0
E
W
1
G
H
F
P
2
0
4
P
B
2
5
MODEL
LEADS
CODE OPTIONS
SPECIAL
See the end of this data book for conversion tables
PEG
BUSHING
SHAFT
PACKAGING
ELECTRICAL SPECIFICATIONS
Output
2 - bit grey code, channel L leads channel R by 90
degrees electrically in the CW direction
4 bi - grey code, absolute electrical position output
Closed Circuit Resistance
5
Ω maximum
Open Circuit Resistance
100K
Ω minimum
Contact Rating
Resistance load 250mA at 28VDC
Switching Loads
1.5mA at 115VDC
150mA at 14VDC
Bounce
5ms/cycle at 15 RPM
Dielectric Withstanding Voltage
1000VAC at sea level
Electrical Travel
Continuous
Operating Speed
50 RPM maximum
MECHANICAL SPECIFICATIONS
Rotational Torque
3.5 oz - in (2.16 - 3.60 Ncm)
Mechanical Travel
Continuous
Panel Mounting Torque
7 lbs - in (1.13 Nm) maximum
Shaft Load Force
10 lbs - in (1.13 Nm) maximum
Shaft Pull Force
10 lbs - in maximum
Terminals
Standard PC style, 3
terminals on 0.100”
(2.54mm) grid - in - line
perpendicular or parallel
to shaft. Solder hook
available on 0.200” grid
Molded Construction
Molding compound
used for housing/bushing and
shaft has a UL94V - 2 rating
Rotational Life
100,000 detented cycles
at rated load typical (1
cycle = 720 degrees)
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 40°C to + 105°C
(Operating temperature)
- 55°C to + 120°C
(Storage temperature)
Humidity
Per MIL-STD 202, Method
106C Insulation resistance
shall be 1 M
Ω maximum of a
relative humidity 90% @ 25°C
Shock
Per MIL-STD 202,
Method 213, Test
Condition G consisting
of 1 MIL-STD
PACKAGING
Box of 50 pieces
ORDERING INFORMATION
110E
MODEL
1A
BUSHING
48
SINGLE SHAFT FMS
CODED IN 64ths
F
204P
2-4 - BIT GREY
CODE OPTIONS
P
110E
1 = at 9’0 clock
0 = None
A = 3/8 (9.53mm)
dia x 1/4 (6.35mm) long
G = 3/8 (9.53mm)
dia x 3/8 (9.53mm) long
48 = 0.750”
56 = 0.875”
S:
Slotted
F:
Flatted
204P = 4 cycles/rev
16 detents/rev
206P = 6 cycles/rev
24 detents/rev
209P = 9 cycles/rev
36 detents/rev
416P = 16 electrical
positions/rev
16 detents/rev
B: PC terminals straight
(horizontal mount)
C: PC terminals bent back
(vertical mount)
Type C - 30
P: Type B with
mounting bracket
D: Type C with
mounting bracket
S: Solder Hook
Hardware not included


Similar Part No. - 110E1G56F209PD

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
logo
SUNMATE electronic Co.,...
110 SUNMATE-110 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
logo
Marl International Limi...
110-000-01-50 MARL-110-000-01-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-50 MARL-110-000-04-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-51 MARL-110-000-04-51 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
More results

Similar Description - 110E1G56F209PD

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
   mechanical incremental encoder
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
   MECHANICAL INCREMENTAL ENCODER
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
   mechanical incremental encoder
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Grayhill, Inc
20SG2AC-G2AC-P GRAYHILL-20SG2AC-G2AC-P Datasheet
194Kb / 1P
   Compact mechanical encoder with concentric shafts
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
   WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
Honeywell Solid State E...
510E1A48F204PB HONEYWELL-510E1A48F204PB Datasheet
50Kb / 2P
   510 Series Encoder, Mechanical 4 pulse/rev/channel 2-bit Gray code
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
   ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com