Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EASSM231M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EASSM231M
Description  Timers Delay on Operate
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASSM231M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EASSM231M Datasheet HTML 1Page - List of Unclassifed Manufacturers EASSM231M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (23.10.06)
EAS
Operation Diagram
Wiring Diagram
General Specifications
Power ON delay
≤ 100 ms
Power OFF delay
≥ 200 ms
Environment
Degree of protection
IP 20
Pollution degree
3
Operating temperature
-20° to +50°C (-4° to +122°F)
Storage temperature
-30° to +80°C (-22° to +176°F)
Weight
50 g
Housing
Dimensions Screw terminals
22.5 x 56 x 49 mm
Fast-ON connection
22.5 x 56 x 44 mm
Material
ABS
Approvals
UL, CSA
CE Marking
Yes
EMC
Electromagnetic
compatibility
Immunity
Acc. to IEC 60801-4
Acc. to IEC 60801-5
L
N
N
Dimensions
Power supply
EAS
22.5
47.4
15
4x 3.4
f
49
22.5
44
15
4x 3.4
f
SCREW
FAST-ON


Similar Part No. - EASSM231M

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EASSM231M CARLOGAVAZZI-EASSM231M Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
EASSM231MF CARLOGAVAZZI-EASSM231MF Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
More results

Similar Description - EASSM231M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
   Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
   Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
   Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
HAA08DM24 CARLOGAVAZZI-HAA08DM24 Datasheet
159Kb / 3P
   Timers Delay on Operate Types HAA08, HAA14
FAA01 CARLOGAVAZZI-FAA01 Datasheet
225Kb / 4P
   Timers Delay on Operate Types FAA01, FAA08
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
   Delay on operate timing mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com