Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM424M3284LBA-7FE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EM424M3284LBA-7FE
Description  512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM424M3284LBA-7FE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EM424M3284LBA-7FE Datasheet HTML 3Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 4Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 5Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 6Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 7Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 8Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 9Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 10Page - List of Unclassifed Manufacturers EM424M3284LBA-7FE Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
eorex
EM42AM3284LBA
Jul. 2006
www.eorex.com
AC Operating Test Conditions
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
Item
Conditions
Output Reference Level
0.9V/0.9V
Output Load
See diagram as below
Input Signal Level
1.6V/0.2V
Transition Time of Input Signals
0.5ns
Input Reference Level
0.9V
AC Operating Test Characteristics
(VDD=1.8V±0.1V, TA=0°C ~70°C)
-7.5
Symbol
Parameter
Min.
Max.
Units
tDQCK
DQ output access from CLK,/CLK
2
6
ns
tDQSCK
DQS output access from CLK,/CLK
2
6
ns
tCL,tCH
CL low/high level width
0.45
0.55
tCK
tCK
Clock Cycle Time
7.5
ns
tDH,tDS
DQ and DM hold/setup time
0.8
ns
tDIPW
DQ and DM input pulse width for
each input
1.75
ns
tHZ,tLZ
Data out high/low impedance time
from CLK,/CLK
1
6
ns
tDQSQ
DQS-DQ skew for associated DQ
signal
0.6
ns
tDQSS
Write command to first latching DQS
transition
0.75
1.25
tCK
tDSL,tDSH
DQS input valid window
0.2
tCK
tMRD
Mode Register Set command cycle
time
2
tCK
tWPRES
Write Preamble setup time
0
ns
tWPST
Write Preamble
0.4
0.6
tCK
tIH,tIS
Address/control input hold/setup
time
1.3
ns
tRPRE
Read Preamble
0.9
1.1
tCK
7/20


Similar Part No. - EM424M3284LBA-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM424M3284LBA-7FE EOREX-EM424M3284LBA-7FE Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
More results

Similar Description - EM424M3284LBA-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM3284LBC EOREX-EM42AM3284LBC Datasheet
295Kb / 24P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA EOREX-EM42BM1684LBA Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB Datasheet
983Kb / 29P
   512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com