Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET1820 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ET1820
Description  Photoelectrics Through-beam Nickel-plated Brass Housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ET1820 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ET1820 Datasheet HTML 1Page - List of Unclassifed Manufacturers ET1820 Datasheet HTML 2Page - List of Unclassifed Manufacturers ET1820 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (14.03.2006)
1
Photoelectrics
Through-beam
Type ET 1820 DC, Nickel-plated Brass Housing
Product Description
Type
Housing diameter
Range
Output type
Housing material
Connection type
• Range: 20 m
• Adjustable sensitivity
• Modulated infrared light
• Make and break switching functions,
NPN, PNP (200 mA)
• LED-indication for power supply ON (emitter) and
target detected (receiver)
• Supply voltage: 10 to 40 VDC
• Heavy duty M18 metal housing, IP 67
• Cable and plug versions
Ordering Key
The ET1820 is a family of gen-
eral
purpose
through-beam
sensors in an industrial stan-
dard M18 nickel-plated brass
housing for heavy duty appli-
cations. They are useful for
simple applications where a
basic sensor provide adequate
sensing performance. The sen-
sors are easy to adjust with a
270° single turn potentiometer.
The output is a 4-wire comple-
mentary (NO and NC) circuit
with NPN (current sinking) or
PNP (current sourcing) open
collector transistor output.
Housing
Rated
Connection
Ordering no.
Ordering no.
Ordering no.
diameter
operating
Receiver/NPN
Receiver/PNP
Emitter
dist. (S
n)
Make & break switching
Make & break switching
M18
20 m
Cable
ET 1820 NPAS
ET 1820 PPAS
ET 1820
M18
20 m
Plug
ET 1820 NPAS-1
ET 1820 PPAS-1
ET 1820-1
Note: Please order emitter and receiver separately.
Type Selection
ET 18 20 NPA S-1
Specifications Emitter
Rated operational volt. (UB)
10 to 40 VDC
(ripple included)
Ripple (Urpp)
≤ 10%
Supply current (Io)
≤ 20 mA
Protection
Reverse polarity,
short-circuits, transients
Light source
GaAIAs LED, 880 nm
Light type
Infrared, modulated
Optical angle
±2°
Indication
Supply ON
LED, green
Specifications Receiver
Rated operating dist. (Sn)
Up to 10 m
Sensitivity
270° single turn pot. meter
Temperature drift
0.6%/°C
Hysteresis (H) (Differential travel) 3 to 20%
Rated operational volt. (UB)
10 to 40 VDC (ripple included)
Ripple (Urpp)
Max. 10%
No-load supply current (Io)
Max. 12 mA (typ. 8 mA)
Min. operational current (Ie)
0.5 mA
OFF-state current (Ir)
Max. 100 µA (typ. 0)
Output current
Continuous (Ie)
Max. 200 mA
Short-time (I)
200 mA
Max. load capacity 100 nF
Voltage drop (Ud)
Max. 2.5 VDC
Protection
Reverse polarity,
short-circuit, transients
Optical angle
±2°
Ambient light
Max. 5,000 lux
Operating frequency (f)
Typ. 170 Hz
Response time
OFF-ON (t
ON)
Typ. 1.6 ms
ON-OFF (t
OFF)
Typ. 4.2 ms


Similar Part No. - ET1820

ManufacturerPart #DatasheetDescription
logo
NEC
ET1 NEC-ET1 Datasheet
926Kb / 7P
   Miniature Relays
ET1 NEC-ET1 Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Kemet Corporation
ET1 KEMET-ET1 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
NEC
ET1-B3M1 NEC-ET1-B3M1 Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Kemet Corporation
ET1-B3M1 KEMET-ET1-B3M1 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
More results

Similar Description - ET1820

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   Robust bright nickel plated brass housing
512-501-21_1312 MARL-512-501-21_1312 Datasheet
432Kb / 5P
   Robust bright nickel plated brass housing
511-501-21_1312 MARL-511-501-21_1312 Datasheet
432Kb / 5P
   Robust bright nickel plated brass housing
531-501-63_1312 MARL-531-501-63_1312 Datasheet
317Kb / 5P
   Robust bright nickel plated brass housing
603-301-04_1309 MARL-603-301-04_1309 Datasheet
464Kb / 4P
   Robust bright nickel plated brass housing
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
   Robust bright nickel plated brass housing
515-501-04_1309 MARL-515-501-04_1309 Datasheet
402Kb / 5P
   Robust bright nickel plated brass housing
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
   Robust bright nickel plated brass housing
logo
E-SWITCH
52-PV5S64019G E-SWITCH-52-PV5S64019G Datasheet
61Kb / 1P
   Nickel Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com