Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC-PTR202 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SSC-PTR202
Description  Photo Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-PTR202 Datasheet(HTML) 4 Page - Seoul Semiconductor

  SSC-PTR202 Datasheet HTML 1Page - Seoul Semiconductor SSC-PTR202 Datasheet HTML 2Page - Seoul Semiconductor SSC-PTR202 Datasheet HTML 3Page - Seoul Semiconductor SSC-PTR202 Datasheet HTML 4Page - Seoul Semiconductor SSC-PTR202 Datasheet HTML 5Page - Seoul Semiconductor SSC-PTR202 Datasheet HTML 6Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.5
1.5
2
1
1.4
Mask
1.5
Emitter
2
1
Collector
1.5
Lens
5. Outline Dimension
6. Packing
Tolerance: ±0.2, Unit: mm
(1) Quantity: 3,000pcs./Reel
(2) Cumulative Tolerance: Cumulative Tolerance/10pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape: Adhesion strength to be 0.1-0.7N when the over tape is turned off
from the carrier tape at 10˚ angle to be the carrier tape.
(4) Package: P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package.
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 4/6 -
SSC-PTR202
SSC-QP-0401-06(REV.0)
Tolerance: ±0.1, Unit: mm


Similar Part No. - SSC-PTR202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-P300 ETC2-SSC-P300 Datasheet
69Kb / 2P
   PL Network Interface Controller IC, CEBus Compliant
logo
Seoul Semiconductor
SSC-PHBMGSRT722 SEOUL-SSC-PHBMGSRT722 Datasheet
618Kb / 12P
   TOP LED DEVICE
More results

Similar Description - SSC-PTR202

ManufacturerPart #DatasheetDescription
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
Toshiba Semiconductor
TPS618 TOSHIBA-TPS618 Datasheet
196Kb / 4P
   PHOTO-TRANSISTOR
logo
Marktech Corporate
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
   Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
   Photo Transistor
MTD6000PT MARKTECH-MTD6000PT Datasheet
183Kb / 2P
   Photo Transistor
MTD6010A MARKTECH-MTD6010A Datasheet
82Kb / 2P
   PHOTO TRANSISTOR
MTD6160 MARKTECH-MTD6160 Datasheet
103Kb / 3P
   PHOTO TRANSISTOR?
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
   Photo Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com