Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB82DP02183C-65LWT Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB82DP02183C-65LWT
Description  32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82DP02183C-65LWT Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB82DP02183C-65LWT Datasheet HTML 4Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 5Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 6Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 7Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 8Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 9Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 10Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 11Page - Fujitsu Component Limited. MB82DP02183C-65LWT Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MB82DP02183C-65L
8
■ ELECTRICAL CHARACTERISTICS
(At recommended operating conditions unless otherwise noted.)
1.
DC CHARACTERISTICS
Notes :
• All voltages are referenced to VSS.
• IDD depends on the output termination, load conditions, and AC characteristics.
• After power on, initialization following POWER-UP timing is required. DC characteristics are guaranteed
after the initialization.
Parameter
Symbol
Test conditions
Value
Unit
Min
Max
Input Leakage Current
ILI
VSS
≤ VIN ≤ VDD
−1.0
+1.0
µA
Output Leakage Current
ILO
0 V
≤ VOUT ≤ VDD,
Output Disable
−1.0
+1.0
µA
Output High Voltage Level
VOH
VDD
= VDD Min, IOH = −0.5 mA
2.4
V
Output Low Voltage Level
VOL
IOL
= 1 mA
0.4
V
VDD Power Down Current
IDDPS
VDD
= VDD (26) Max,
VIN
= VIH or VIL,
CE2
≤ 0.2 V
SLEEP
10
µA
IDDP4
4M-bit partial
40
µA
IDDP8
8M-bit partial
50
µA
VDD Standby Current
IDDS
VDD
= VDD (26) Max, VIN = VIH or VIL,
CE1
= CE2 = VIH
1.5
mA
IDDS1
VDD
= VDD (26) Max,
VIN
≤ 0.2 V or VIN ≥ VDD − 0.2 V,
CE1
= CE2 ≥ VDD − 0.2 V
80
µA
VDD Active Current
IDDA1
VDD
= VDD (26) Max,
VIN
= VIH or VIL,
CE1 = VIL and CE2
= VIH,
IOUT
= 0 mA
tRC/tWC
= Min
30
mA
IDDA2
tRC/tWC
= 1 µs
3mA
VDD Page Read Current
IDDA3
VDD
= VDD (26) Max, VIN = VIH or VIL,
CE1
= VIL and CE2 = VIH,
IOUT
= 0 mA, tPRC = Min
10
mA


Similar Part No. - MB82DP02183C-65LWT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D-65LWT FUJITSU-MB82DP02183D-65LWT Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183E-65L FUJITSU-MB82DP02183E-65L Datasheet
35Kb / 1P
   32 Mbit Mobile FCRAM 3.0 V, Page Mode
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F-65L FUJITSU-MB82DP02183F-65L Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
More results

Similar Description - MB82DP02183C-65LWT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82D01171A FUJITSU-MB82D01171A Datasheet
248Kb / 27P
   16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163D-70L FUJITSU-MB82DBS02163D-70L Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com