Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5522T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TSA5522T
Description  1.4 GHz I2C-bus controlled synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5522T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TSA5522T Datasheet HTML 3Page - NXP Semiconductors TSA5522T Datasheet HTML 4Page - NXP Semiconductors TSA5522T Datasheet HTML 5Page - NXP Semiconductors TSA5522T Datasheet HTML 6Page - NXP Semiconductors TSA5522T Datasheet HTML 7Page - NXP Semiconductors TSA5522T Datasheet HTML 8Page - NXP Semiconductors TSA5522T Datasheet HTML 9Page - NXP Semiconductors TSA5522T Datasheet HTML 10Page - NXP Semiconductors TSA5522T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Jan 23
7
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled synthesizer
TSA5522
Table 3
Address selection
Table 4
Test bits
Table 5
Ratio select bits
Table 6
Band switch output levels
VOLTAGE APPLIED ON AS
INPUT
MA1
MA2
0 to 0.1VCC1
00
Always valid
0
1
0.4VCC1 to 0.6VCC1
10
0.9VCC1 to VCC1
11
T2
T1
T0
DEVICE OPERATION
0
0
1
normal mode
0
1
X
charge-pump is OFF
1
1
0
charge-pump is sinking current
1
1
1
charge-pump is sourcing current
100
fref is available at LOCK output
101
1
2fdiv is available at LOCK output
RSA
RSB
REFERENCE DIVIDER
X
0
640
0
1
1024
1
1
512
P2
P1
P0
VOLTAGE
ON BS
OUTPUT
PHILIPS M/O
BAND
0
1
0
0.25 V
band A
1
0
0
0.4VCC1
band B
0
0
1
0.8VCC1
band C
READ MODE; R/W = 1 (see Table 7)
Data can be read from the device by setting the R/W bit to
logic 1. After the slave address has been recognized, the
device generates an acknowledge pulse and the first data
byte (status byte) is transferred on the SDA line (MSB
first). Data is valid on the SDA line during a HIGH level of
the SCL clock signal. A second data byte can be read from
the device if the microcontroller generates an
acknowledge on the SDA line (master acknowledge). End
of transmission will occur if no master acknowledge
occurs. The device will then release the data line to allow
the microcontroller to generate a STOP condition. When
ports P4 to P7 are used as inputs, the corresponding bits
must be logic 0 (high impedance state). The POR flag is
set to logic 1 at power-on. The flag is reset when an
end-of-data is detected by the device (end of a read
sequence). Control of the loop is made possible with the
in-lock flag (FL) which indicates when the loop is locked
(FL = 1).
The bits I2, to I0 represent the status of the I/O ports
P7, P5 and P4 respectively. A logic 0 indicates a LOW
level and a logic 1 indicates a HIGH level
(see “Characteristics”).
A built-in ADC is available at pin P6. This converter can be
used to apply AFC information to the microcontroller from
the IF section of the television. The relationship between
the bits A2 to A0 is given in Table 8.
Table 7
READ data format
Notes
1. A = acknowledge.
2. POR = power-on-reset (POR = 1 at power-on).
3. FL = in-lock flag (FL = 1 when loop is locked).
4. I2 to I0 = digital levels for I/O ports P7, P5 and P4 respectively.
5. A2 to A0 = digital outputs of the 5-level ADC.
BYTE
MSB
DATA BYTE
LSB
COMMAND
Address byte (ADB)
11000
MA1
MA0
1
A(1)
Status byte (SB)
POR(2)
FL(3)
I2(4)
I1(4)
I0(4)
A2(5)
A1(5)
A0(5)


Similar Part No. - TSA5522T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5520M PHILIPS-TSA5520M Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5520T PHILIPS-TSA5520T Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5521 PHILIPS-TSA5521 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5521M PHILIPS-TSA5521M Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
More results

Similar Description - TSA5522T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com