Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPN302G07 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KPN302G07
Description  Semiconductor Pressure Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KPN302G07 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KPN302G07 Datasheet HTML 1Page - KEC(Korea Electronics) KPN302G07 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 15
1/2
SEMICONDUCTOR
TECHNICAL DATA
KPF102G07~KPF502G07
Semiconductor Pressure Sensor
Revision No : 0
FEATURES
Broad Pressure Range : 0~5MPa
High Sensitivity and Excellent Linearity
Piezoresistance type Silicon Pressure Sensor
MEMS and Semiconductor Technology
Amplified and Temperature Compensated.
Voltage Output
APPLICATIONS
Industrial Instrument
High Pressure Apparatuses
Home Appliances.
Air Conditioner.
MAXIMUM RATING
ELECTRICAL CHARACTERISTICS
ITEM
SPEC
UNIT
Classification
102
202
302
402
502
-
Supply Voltage
5.0 DC
5%
V
Output
0.5 to 4.5 (0.5 to 3.5)
V
Accuracy
3
(Including Non-linearity, Temperature Characteristic, Hysteresis)
% FS
Current Consumption
Max. 7
mA
MODEL NUMBER FOR ORDERING
KP
F
GA
00
000
Package Type
Package Pin Configuration
No Mark : Standard
A : Type 1
Silicon Pressure Sensor
Measuring Pressure
A : Absolute Pressure
D : Differential Pressure
G : Gage Pressure
ON/OFF Chip
N:ON Chip (Amplified)
F:OFF Chip (Not Amplified)
Rated Pressure
123
12 103=12,000kPa
00 : Die
01~ : Package Series
PPM3
ITEM
SPEC
UNIT
Model No.
KPF102G07
KPF202G07
KPF302G07
KPF402G07
KPF502G07
-
Classification
102
202
302
402
502
-
Rated Pressure
1
2
3
4
5
MPa
10
20
30
40
50
Bar
Operating Temperature
-20~70
Storage Temperature
-20~80
Comment) 1. Operating humidity 25~80%RH (unless otherwise noted)
2. Please, consult us when you use any other pressure media except air or coolant.


Similar Part No. - KPN302G07

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KPN010A00 KEC-KPN010A00 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPN010A01 KEC-KPN010A01 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPN010A02 KEC-KPN010A02 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPN010A03 KEC-KPN010A03 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPN010A04 KEC-KPN010A04 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
More results

Similar Description - KPN302G07

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KPF010D04 KEC-KPF010D04 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPF500G01A KEC-KPF500G01A Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03 KEC-KPF500G03 Datasheet
521Kb / 4P
   Semiconductor Pressure Sensor
KPF500G02A KEC-KPF500G02A Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03A KEC-KPF500G03A Datasheet
522Kb / 4P
   Semiconductor Pressure Sensor
KPF500G01 KEC-KPF500G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G02 KEC-KPF500G02 Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
logo
List of Unclassifed Man...
ADP1 ETC-ADP1 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
MQ6 ETC2-MQ6 Datasheet
179Kb / 3P
   Semiconductor Sensor for LPG
MQ3 ETC2-MQ3 Datasheet
154Kb / 3P
   Semiconductor Sensor for Alcohol
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com