Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPF102G01A Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KPF102G01A
Description  Semiconductor Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KPF102G01A Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KPF102G01A Datasheet HTML 1Page - KEC(Korea Electronics) KPF102G01A Datasheet HTML 2Page - KEC(Korea Electronics) KPF102G01A Datasheet HTML 3Page - KEC(Korea Electronics) KPF102G01A Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2007. 6. 15
1/4
SEMICONDUCTOR
TECHNICAL DATA
KPF500G01A ~ KPF102G01A
Semiconductor Pressure Sensor
Revision No : 2
PIP1
FEATURES
Broad Pressure Range : 50~1,000kPa.
High Sensitivity, Excellent Linearity.
Highly Stable in Temperature Change.
APPLICATIONS
Medical Deivces.
Industrial Instrumentations.
Pressure Switch, Water Height Control, Pneumatic Devices etc.
Home Appliances.
MAXIMUM RATING
MODEL NUMBER FOR ORDERING
ELECTRICAL CHARACTERISTICS
Comment) 1. Operating humidity 25~80%RH. (unless otherwise noted)
2. Please, consult us when you use any other pressure media except air.
ITEM
SPEC.
UNIT
Classification
500
101
201
401
601
801
102
-
Test Condition
Operating Input Current 1.5
constant, Ambient Temperature Ta=25
-
Compensational Temperature Range
0 ~ 50
Full Scale Voltage
60 ~ 140
mV
Offset Voltage
20
mV
Linearity
0.3
%FS
Pressure Hysteresis
0.5
%FS
Mechanical Response Time
2
msec
Temperature Coefficient Of Offset (TCO)
5.0
%FS
Temperature Coefficient Of Sensitivity (TCS)
2.5
%FS
KP
F
GA
00
000
Package Type
Package Pin Configuration
No Mark : Standard
A : Type 1
Silicon Pressure Sensor
Measuring Pressure
A : Absolute Pressure
D : Differential Pressure
G : Gage Pressure
ON/OFF Chip
N:ON Chip (Amplified)
F:OFF Chip (Not Amplified)
Rated Pressure
123
12 103=12,000kPa
00 : Die
01~ : Package Series
ITEM
SPEC.
UNIT
Model No.
KPF500G01A KPF101G01A KPF201G01A KPF401G01A KPF601G01A
KPF801G01A
KPF102G01A
-
Classification
500
101
201
401
601
801
102
-
Rated Pressure
50
100
200
400
600
800
1000
kPa
0.51
1.02
2.04
4.08
6.12
8.16
10.20
kgf/
Measurable Pressure Range
-50 ~ 50
-100 ~ 100
-100 ~ 200
-100 ~ 400
-100 ~ 600
-100 ~ 800
-100 ~ 1000
kPa
Maximum Pressure Load
Twice of Rated Pressure
1.5 Times of Reated Pressure
kPa(kgf/
)
Bridge Impedance
3000 ~ 6000
Operating Temperature
-20 ~ 100
Storage Temperature
-40 ~ 120


Similar Part No. - KPF102G01A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KPF102G01 KEC-KPF102G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
More results

Similar Description - KPF102G01A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KPF010D04 KEC-KPF010D04 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPF500G03 KEC-KPF500G03 Datasheet
521Kb / 4P
   Semiconductor Pressure Sensor
KPF102G07 KEC-KPF102G07 Datasheet
551Kb / 2P
   Semiconductor Pressure Sensor
KPF500G02A KEC-KPF500G02A Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03A KEC-KPF500G03A Datasheet
522Kb / 4P
   Semiconductor Pressure Sensor
KPF500G01 KEC-KPF500G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G02 KEC-KPF500G02 Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
logo
List of Unclassifed Man...
ADP1 ETC-ADP1 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
MQ6 ETC2-MQ6 Datasheet
179Kb / 3P
   Semiconductor Sensor for LPG
MQ3 ETC2-MQ3 Datasheet
154Kb / 3P
   Semiconductor Sensor for Alcohol
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com