Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT370 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # LT370
Description  GREEN LAMP LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LT370 Datasheet(HTML) 2 Page - Seoul Semiconductor

  LT370 Datasheet HTML 1Page - Seoul Semiconductor LT370 Datasheet HTML 2Page - Seoul Semiconductor LT370 Datasheet HTML 3Page - Seoul Semiconductor LT370 Datasheet HTML 4Page - Seoul Semiconductor LT370 Datasheet HTML 5Page - Seoul Semiconductor LT370 Datasheet HTML 6Page - Seoul Semiconductor LT370 Datasheet HTML 7Page - Seoul Semiconductor LT370 Datasheet HTML 8Page - Seoul Semiconductor LT370 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
-2-
GREEN LAMP LED
LT370
<070601> Rev. 0.1
서식번호 : QP-7-03-05 (Rev.00)
Outline Dimensions
Unit : mm
ANODE
2.35 ± 0.1
3.1 ± 0.2
DETAIL
1.0
3.8 ± 0.2
0.5 MAX
5.3 ± 0.1
1.0 MIN
28.0 MIN
0.5 ± 0.05
Notes : Protruded epoxy is 0.5mm maximum.


Similar Part No. - LT370

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT370 SEOUL-LT370 Datasheet
396Kb / 12P
   GREEN LAMP LED
LT370Z SEOUL-LT370Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LT370 SEOUL-LT370_1 Datasheet
396Kb / 12P
   GREEN LAMP LED
More results

Similar Description - LT370

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT520 SEOUL-LT520 Datasheet
345Kb / 10P
   GREEN LAMP LED
LT520 SEOUL-LT520_1 Datasheet
401Kb / 12P
   GREEN LAMP LED
logo
Micro Electronics
MGB31DA MICRO-ELECTRONICS-MGB31DA Datasheet
109Kb / 1P
   GREEN LED LAMP
logo
Seoul Semiconductor
LT370 SEOUL-LT370_1 Datasheet
396Kb / 12P
   GREEN LAMP LED
LT770D SEOUL-LT770D Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
logo
TT Electronics.
OVLKGGT6 TTELEC-OVLKGGT6 Datasheet
772Kb / 4P
   Oval Green LED Lamp
logo
OPTEK Technologies
OVLKGGT6 OPTEK-OVLKGGT6 Datasheet
770Kb / 4P
   Oval Green LED Lamp (3mm)
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB34TA MICRO-ELECTRONICS-MGB34TA Datasheet
41Kb / 1P
   3mm CYLINDRIC GREEN LED LAMP
logo
TT Electronics.
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com