Part Name
         Description
TZA1025

 Data amplifier and laser supply circuit for CD audio and video optical systems ADALASLC ( 16 Page)


PHILIPS
100% 
Zoom Out Zoom In
 6 page
background image
1998 Oct 30
6
Philips Semiconductors
Product specification
Data amplifier and laser supply circuit for CD
audio and video optical systems (ADALASLC)
TZA1025
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. The maximum value VDD + 0.5 must not exceed 5.5 V.
2. The maximum value VDD(L) + 0.5 must not exceed 5.5 V.
3. Pins DIN and RFFB are current inputs with a limitation on the maximum input current.
4. The maximum peak current must not exceed ten times the absolute average input current with a maximum for the
absolute average input current of 1 mA. Averaging is only allowed over a maximum time interval of 100 ms.
5. Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω series resistor with a rise time of 15 ns.
6. Equivalent to discharging a 200 pF capacitor via a 2.5
µH series inductor.
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+5.5
V
VDD(L)
laser supply voltage
−0.5
+5.5
V
Vi(n)
input voltage on pins 3, 4, 7, 8,
10, 11, 12 and 14
note 1
−0.5
VDD + 0.5
V
Vo(LASER)
laser output voltage
note 2
−0.5
VDD(L) + 0.5
V
Vi(DIN)
central diode input voltage
note 3
−0.5
V
Ii(DIN)
central diode input current
note 4
−1+1
mA
Vi(RFFB)
RF feedback voltage
note 3
−0.5
V
Ii(RFFB)
RF feedback current
note 4
−1+1
mA
Ves
electrostatic handling
human body model; note 5
−2000
+2000
V
machine model; note 6
−250
+250
V
Tamb
operating ambient temperature
0
70
°C
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TZA1024Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS 1 2 3 4 5 MoreNXP Semiconductors
TZA1026Data amplifier and laser supply circuit for CD audio and video optical systems ADALASAuto 1 2 3 4 5 MoreNXP Semiconductors
TZA1015Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS 1 2 3 4 5 MoreNXP Semiconductors
TDA1302TData amplifier and laser supply circuit for CD player and read only optical systems 1 2 3 4 5 MoreNXP Semiconductors
TZA1022Preamplifier and laser supply for CD/CDRW read-only optical systems TRICINTA 1 2 3 4 5 MoreNXP Semiconductors
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
2SK3462Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SA1349TRANSISTOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS. RECOMMENDED FOR CASCADE CURRENT MIRROR CIRCUIT APPLICATIONS OF THE FIRST STAGES OF PRE MAIN AMPL 1 2 3 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl