Part Name
         Description
TZA1025

 Data amplifier and laser supply circuit for CD audio and video optical systems ADALASLC ( 16 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 4 page
background image
1998 Oct 30
4
Philips Semiconductors
Product specification
Data amplifier and laser supply circuit for CD
audio and video optical systems (ADALASLC)
TZA1025
PINNING
FUNCTIONAL DESCRIPTION
The TZA1025 consists of two sections, the RF amplifier
and the automatic laser power control circuit.
RF amplifier
The RF amplifier consists of a current input amplifier, an
equalizer/bandwidth section and a transimpedance output
amplifier with an external feedback resistor of 10 k
Ω (fixed
value).
SYMBOL
PIN
DESCRIPTION
LD
1
current output to laser diode
VDD(L)
2
laser supply voltage
CFIL
3
external filter capacitor
MON
4
laser monitor diode input
DIN
5
central diode input
GND
6
ground
PWRON
7
power-on select input
CMFB
8
common mode feedback voltage
input
RFFB
9
external RF feedback resistor
RFEQO
10
RF amplifier output
CDRW
11
gain select input for CD-A/V, CD-R/W
GND
12
ground
VDD
13
supply voltage
RGADJ
14
external laser supply gain adjust
resistor
Fig.2 Pin configuration.
handbook, halfpage
MBK901
TZA1025
1
2
3
4
5
6
7
8
14
13
12
11
10
9
LD
VDD(L)
CFIL
MON
DIN
GND
PWRON
CMFB
RFFB
RFEQO
CDRW
GND
VDD
RGADJ
The gain of the RF amplifier can be adjusted by the
external input resistors. Fig.3 shows the simplified
schematic which can be used to determine the RF gain.
The signal is AC coupled to the RF amplifier. The formula
to determine the gain is shown below:
(1)
where:
GRF is the RF amplifier gain
n is the number of input resistors
Ztr(RF) is the transimpedance of the amplifier (Ω)
R2 is the value of the input resistors (
Ω).
The gain can be increased by a factor of 4 by making
pin CDRW HIGH. The value of Ztr(RF) is 9.8 kΩ for CD-A/V
(CDRW = LOW) and 38 k
Ω for CD-R/W (CDRW = HIGH).
An internal equalizer ensures an optimal performance.
The DC output level of the amplifier can be set by applying
a DC voltage on the common mode feedback pin CMFB.
Since the input signal is AC-coupled the RF output voltage
will swing (symmetrically) around this DC level.
The coupling of the TZA1025 to the signal processor
(SAA7325) can be either AC or DC. When an AC-coupling
is chosen (see Fig.6) the minimum supply voltage can be
applied. When a DC-coupling is chosen (see Fig.7) a
minimum supply voltage of 2.8 V is required.
G
RF
n
Z
tr RF
()
R2
------------------
×
=
Fig.3 Simplified schematic.
handbook, halfpage
CDRW
RFEQO
C2
10 k
Vin
R2(1)
R2(2)
R2(n)
Vin
Vin
MGL530
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TZA1024Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS 1 2 3 4 5 MoreNXP Semiconductors
TZA1026Data amplifier and laser supply circuit for CD audio and video optical systems ADALASAuto 1 2 3 4 5 MoreNXP Semiconductors
TZA1015Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS 1 2 3 4 5 MoreNXP Semiconductors
TDA1302TData amplifier and laser supply circuit for CD player and read only optical systems 1 2 3 4 5 MoreNXP Semiconductors
TZA1022Preamplifier and laser supply for CD/CDRW read-only optical systems TRICINTA 1 2 3 4 5 MoreNXP Semiconductors
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
2SK3462Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SA1349TRANSISTOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS. RECOMMENDED FOR CASCADE CURRENT MIRROR CIRCUIT APPLICATIONS OF THE FIRST STAGES OF PRE MAIN AMPL 1 2 3 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl