Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA1027HL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TZA1027HL
Description  Analog current buffer for CD-R and CD-RW systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1027HL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TZA1027HL Datasheet HTML 7Page - NXP Semiconductors TZA1027HL Datasheet HTML 8Page - NXP Semiconductors TZA1027HL Datasheet HTML 9Page - NXP Semiconductors TZA1027HL Datasheet HTML 10Page - NXP Semiconductors TZA1027HL Datasheet HTML 11Page - NXP Semiconductors TZA1027HL Datasheet HTML 12Page - NXP Semiconductors TZA1027HL Datasheet HTML 13Page - NXP Semiconductors TZA1027HL Datasheet HTML 14Page - NXP Semiconductors TZA1027HL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Sep 17
11
Philips Semiconductors
Preliminary specification
Analog current buffer for CD-R and CD-RW
systems
TZA1027
PACKAGE OUTLINE
0.2
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.60
0.15
0.05
1.5
1.3
0.25
0.27
0.17
0.18
0.12
5.1
4.9
0.5
7.15
6.85
1.0
0.95
0.55
7
0
o
o
0.12
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT401-1
95-12-19
97-08-04
D(1)
(1)
(1)
5.1
4.9
HD
7.15
6.85
E
Z
0.95
0.55
D
b p
e
E
B
8
D
H
b p
E
H
v M B
D
ZD
A
Z E
e
v M A
X
1
32
25
24
17
16
9
θ
A1
A
L p
detail X
L
(A )
3
A2
y
w M
w M
0
2.5
5 mm
scale
LQFP32: plastic low profile quad flat package; 32 leads; body 5 x 5 x 1.4 mm
SOT401-1
c
pin 1 index


Similar Part No. - TZA1027HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1020 PHILIPS-TZA1020 Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020A PHILIPS-TZA1020A Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020HP PHILIPS-TZA1020HP Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020HP/A PHILIPS-TZA1020HP/A Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1022 PHILIPS-TZA1022 Datasheet
459Kb / 14P
   Preamplifier and laser supply for CD/CDRW read-only optical systems (TRICINTA)
1998 Apr 02
More results

Similar Description - TZA1027HL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
logo
List of Unclassifed Man...
43148 ETC2-43148 Datasheet
38Kb / 1P
   CD-R/RW Media
logo
NXP Semiconductors
TZA1020 PHILIPS-TZA1020 Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
logo
Roithner LaserTechnik G...
ADL-78901TL ROITHNER-ADL-78901TL Datasheet
347Kb / 2P
   Virtual keyboard CD R/RW
logo
Sanyo Semicon Device
LC89585 SANYO-LC89585 Datasheet
92Kb / 6P
   CD Encoder LSI for CD-R Systems
logo
Roithner LaserTechnik G...
ADL-78901TX ROITHNER-ADL-78901TX Datasheet
112Kb / 1P
   Virtual keyboard CD R/RW
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com