Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA3023T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TZA3023T
Description  SDH/SONET STM4/OC12 transimpedance amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3023T Datasheet(HTML) 5 Page - NXP Semiconductors

  TZA3023T Datasheet HTML 1Page - NXP Semiconductors TZA3023T Datasheet HTML 2Page - NXP Semiconductors TZA3023T Datasheet HTML 3Page - NXP Semiconductors TZA3023T Datasheet HTML 4Page - NXP Semiconductors TZA3023T Datasheet HTML 5Page - NXP Semiconductors TZA3023T Datasheet HTML 6Page - NXP Semiconductors TZA3023T Datasheet HTML 7Page - NXP Semiconductors TZA3023T Datasheet HTML 8Page - NXP Semiconductors TZA3023T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2000 Mar 29
5
Philips Semiconductors
Product specification
SDH/SONET STM4/OC12
transimpedance amplifier
TZA3023
PIN diode bias voltage DREF
The transimpedance amplifier together with the PIN diode
determines the performance of an optical receiver for a
large extent. Especially how the PIN diode is connected to
the input and the layout around the input pin influence the
key parameters like sensitivity, bandwidth and the Power
Supply Rejection Ratio (PSRR) of a transimpedance
amplifier. The total capacitance at the input pin is critical to
obtain the highest sensitivity. It should be kept to a
minimum by reducing the capacitor of the PIN diode and
the parasitics around the input pin. The PIN diode should
be placed very close to the IC to reduce the parasitics.
Because the capacitance of the PIN diode depends on the
reverse voltage across it, the reverse voltage should be
chosen as high as possible.
The PIN diode can be connected to the input in two ways
as shown in Figs 5 and 6. In Fig.5 the PIN diode is
connected between DREF and IPhoto. Pin DREF provides
an easy bias voltage for the PIN diode. The voltage at
DREF is derived from VCC by a low-pass filter. The
low-pass filter consisting of the internal resistor R1, C1 and
the external capacitor C2 rejects the supply voltage noise.
The external capacitor C2 should be equal or larger then
1 nF for a high PSRR.
The reverse voltage across the PIN diode is 4.2 V
(5
− 0.8 V) for 5 V supply or 2.5 V (3.3 − 0.8 V) for 3.3 V
supply.
The DC voltage at DREF decreases with increasing signal
levels. Consequently the reverse voltage across the
PIN diode will also decrease with increasing signal levels.
This can be explained with an example. When the
PIN diode delivers a peak-to-peak current of 1 mA, the
average DC current will be 0.5 mA. This DC current is
delivered by VCC through the internal resistor R1 of 2 kΩ
which will cause a voltage drop of 1 V across the resistor
and the reverse voltage across the PIN diode will be
reduced by 1 V.
It is preferable to connect the cathode of the PIN diode to
a higher voltage then VCC when such a voltage source is
available on the board. In this case pin DREF can be left
unconnected. When a negative supply voltage is available,
the configuration in Fig.6 can be used. It should be noted
that in this case the direction of the signal current is
reversed compared to Fig.5. Proper filtering of the bias
voltage for the PIN diode is essential to achieve the
highest sensitivity level.
MCD900
R1
2 k
C1
10 pF
C2
1 nF
VCC
Ii
4
8
TZA3023
7
IPhoto
DREF
Fig.5
The PIN diode connected between the input
and pin DREF.
MCD901
R1
2 k
C1
10 pF
VCC
Ii
4
8
TZA3023
7
IPhoto
negative supply voltage
DREF
Fig.6
The PIN diode connected between the input
and a negative supply voltage.


Similar Part No. - TZA3023T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3023 PHILIPS-TZA3023 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3023T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3044 PHILIPS-TZA3044 Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com