Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603S1N1BT Datasheet(PDF) 3 Page - TDK Electronics

Part # MLG0603S1N1BT
Description  SMD Inductors(Coils) For High Frequency(Multilayer)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S1N1BT Datasheet(HTML) 3 Page - TDK Electronics

  MLG0603S1N1BT Datasheet HTML 1Page - TDK Electronics MLG0603S1N1BT Datasheet HTML 2Page - TDK Electronics MLG0603S1N1BT Datasheet HTML 3Page - TDK Electronics MLG0603S1N1BT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3/4)
006-01 / 20070702 / e521_mlg0603.fm
• All specifications are subject to change without notice.
L, Q vs. FREQUENCY CHARACTERISTICS
: Please specify inductance tolerance, B (±0.1nH), C (±0.2nH), S (±0.3nH), H (±3%) or J (±5%).
Part No.
Inductance(nH)typ.
Q typ.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
MLG0603S0N3
T
0.3
0.3
0.3
0.3
0.3
14.5
19.9
34.1
34.8
40.4
MLG0603S0N4
T
0.4
0.4
0.4
0.4
0.4
14.0
18.9
30.1
32.1
35.9
MLG0603S0N5
T
0.5
0.5
0.45
0.45
0.45
14.1
18.4
29.3
31.7
35.4
MLG0603S0N6
T
0.6
0.6
0.5
0.5
0.5
15.6
19.8
32.8
34.2
38.6
MLG0603S0N7
T
0.7
0.6
0.6
0.6
0.6
16.3
21.4
33.1
34.7
38.6
MLG0603S0N8
T
0.7
0.7
0.7
0.7
0.7
15.4
20.4
32.1
34.1
37.8
MLG0603S0N9
T
0.8
0.8
0.8
0.8
0.8
15.1
19.3
30.1
31.8
35.3
MLG0603S1N0
T
0.9
0.9
0.9
0.9
0.9
14.3
18.3
28.8
30.3
33.8
MLG0603S1N1
T
1.0
1.0
1.0
1.0
1.0
14.4
18.7
29.1
30.5
34.1
MLG0603S1N2
T
1.1
1.1
1.1
1.1
1.1
14.2
18.3
28.6
30.3
33.5
MLG0603S1N3
T
1.2
1.2
1.2
1.2
1.2
14.3
18.3
28.6
30.0
33.2
MLG0603S1N5
T
1.4
1.4
1.4
1.4
1.4
14.8
18.8
29.0
30.4
33.5
MLG0603S1N6
T
1.5
1.5
1.5
1.5
1.5
14.3
18.4
28.6
30.1
33.4
MLG0603S1N8
T
1.7
1.7
1.7
1.7
1.7
14.7
18.9
28.7
30.1
33.1
MLG0603S2N0
T
1.9
1.9
1.9
1.9
1.9
13.9
18.0
27.7
29.2
32.2
MLG0603S2N2
T
2.1
2.0
2.1
2.1
2.1
13.8
17.7
26.8
27.9
30.7
MLG0603S2N4
T
2.2
2.2
2.2
2.3
2.3
13.9
17.9
27.4
28.5
31.5
MLG0603S2N7
T
2.5
2.5
2.6
2.6
2.7
14.6
18.6
27.8
28.8
31.4
MLG0603S3N0
T
2.8
2.8
2.9
2.9
3.0
15.1
19.4
29.4
30.6
33.4
MLG0603S3N3
T
3.1
3.1
3.2
3.3
3.4
15.1
19.2
28.2
29.2
31.4
MLG0603S3N6
T
3.4
3.4
3.5
3.6
3.7
13.8
17.8
26.2
27.0
29.0
MLG0603S3N9
T
3.7
3.7
3.8
3.9
4.1
15.1
19.4
28.5
29.4
31.6
MLG0603S4N3
T
4.1
4.1
4.3
4.4
4.6
14.3
18.3
26.5
27.3
28.9
MLG0603S4N7
T
4.4
4.4
4.8
4.9
5.2
15.2
19.5
27.9
28.6
30.1
MLG0603S5N1
T
4.8
4.8
5.1
5.3
5.6
13.8
17.5
25.0
25.5
26.7
MLG0603S5N6
T
5.3
5.3
5.7
5.9
6.4
15.5
19.6
27.2
27.8
28.8
MLG0603S6N2
T
5.9
5.9
6.5
6.8
7.5
14.5
18.3
25.1
25.4
25.7
MLG0603S6N8
T
6.4
6.5
7.4
7.8
8.7
15.4
19.4
25.7
25.7
25.3
MLG0603S7N5
T
7.1
7.1
7.8
8.0
8.7
14.2
18.0
25.2
25.6
26.4
MLG0603S8N2
T
7.8
7.8
8.8
9.3
10.4
14.7
18.2
23.9
24.0
23.6
MLG0603S9N1
T
8.6
8.6
9.8
10.3
11.5
13.5
16.9
22.2
22.3
21.8
MLG0603S10N
T
9.5
9.6
11.5
12.3
14.5
14.9
18.4
22.8
22.4
20.8
MLG0603S12N
T
11.4
11.7
14.2
15.4
18.7
15.6
19.3
23.5
22.7
20.4
MLG0603S15N
T
14.4
14.8
20.1
23.0
32.6
15.2
18.5
19.9
18.3
13.9
MLG0603S18N
T
17.3
18.0
28.3
35.3
72.3
14.2
17.0
15.4
12.9
6.7
MLG0603S22N
T
21.3
22.5
40.4
55.8
231.8
14.8
17.3
13.4
10.1
2.1
MLG0603S27N
T
26.5
28.6
68.3
130.9
14.6
16.7
9.3
4.9
MLG0603S33N
T
32.6
36.0
144.5
  
14.2
15.9
5.2
0.5
MLG0603S39N
T
39.5
46.5
   
13.1
13.7
   
MLG0603S47N
T
48.6
59.5
   
12.8
12.5
   
MLG0603S56N
T
59.2
77.2
   
12.0
10.9
   
MLG0603S68N
T
74.4
103.9
   
12.5
10.7
   
MLG0603S82N
T
95.5
161.3
   
11.8
8.2
   
MLG0603SR10
T
129.3
353.5
   
10.5
4.4
   


Similar Part No. - MLG0603S1N1BT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S1N1BT000 TDK-MLG0603S1N1BT000 Datasheet
152Kb / 14P
   Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
MLG0603S1N1BT000 TDK-MLG0603S1N1BT000 Datasheet
130Kb / 3P
   Inductors (Coils)
MLG0603S1N1BT000 TDK-MLG0603S1N1BT000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
MLG0603S1N1BTD25 TDK-MLG0603S1N1BTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S1N1BTD25 TDK-MLG0603S1N1BTD25 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S1N1BT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1608B5N6D TDK-MLG1608B5N6D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0603Q TDK-MLG0603Q Datasheet
75Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0402S TDK-MLG0402S Datasheet
36Kb / 2P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B8N2D TDK-MLG1608B8N2D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1005S TDK-MLG1005S Datasheet
78Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com