Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA3019AV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TZA3019AV
Description  2.5 Gbits/s dual postamplifier with level detectors and 2 x 2 switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3019AV Datasheet(HTML) 3 Page - NXP Semiconductors

  TZA3019AV Datasheet HTML 1Page - NXP Semiconductors TZA3019AV Datasheet HTML 2Page - NXP Semiconductors TZA3019AV Datasheet HTML 3Page - NXP Semiconductors TZA3019AV Datasheet HTML 4Page - NXP Semiconductors TZA3019AV Datasheet HTML 5Page - NXP Semiconductors TZA3019AV Datasheet HTML 6Page - NXP Semiconductors TZA3019AV Datasheet HTML 7Page - NXP Semiconductors TZA3019AV Datasheet HTML 8Page - NXP Semiconductors TZA3019AV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
2000 Apr 10
3
Philips Semiconductors
Preliminary specification
2.5 Gbits/s dual postamplifier with level
detectors and 2
× 2 switch
TZA3019
BLOCK DIAGRAM
handbook, full pagewidth
MGT028
TZA3019AHT
TZA3019AV
offset
level
A1A
23
A1B
OUT1
24
GND1B
27
RSSI1
25
VEE1B
21
GND1B
14
Vref
22
OUT1Q
offset
level
A2A
18
A2B
OUT2Q
17
GND2B
LEVEL1
12
GND1A
1
LOSTH1
10
VEE1A
32
GND1A
4
GND2A
8
IN2Q
7
IN2
6
GND2A
5
LOSTH2
11
VEE2A
9
S2
30
INV2
28
LEVEL2
13
TEST
15
INV1
29
S1
31
IN1
2
IN1Q
3
20
GND2B
16
VEE2B
26
RSSI2
19
OUT2
BAND GAP
REFERENCE
DFT
SWITCH
SWITCH
LOS
DETECTOR
LOS
DETECTOR
1
×
1
×
Fig.1 Block diagram (TZA3019AHT and TZA3019AV).


Similar Part No. - TZA3019AV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
TZA3012HW NXP-TZA3012HW Datasheet
107Kb / 18P
   30 Mbit/s up to 3.2 Gbit/s A-Rate fiber-optic receiver
Rev. 01-15 December 2005
TZA3013 PHILIPS-TZA3013 Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
TZA3013AU PHILIPS-TZA3013AU Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
More results

Similar Description - TZA3019AV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ET4000 AGERE-ET4000 Datasheet
241Kb / 2P
   Single-Chip 28 x 1 Gbits/s Layer 2 Ethernet Switch
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
ON Semiconductor
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com