Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA3031BHL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TZA3031BHL
Description  SDH/SONET STM1/OC3 laser drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3031BHL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TZA3031BHL Datasheet HTML 7Page - NXP Semiconductors TZA3031BHL Datasheet HTML 8Page - NXP Semiconductors TZA3031BHL Datasheet HTML 9Page - NXP Semiconductors TZA3031BHL Datasheet HTML 10Page - NXP Semiconductors TZA3031BHL Datasheet HTML 11Page - NXP Semiconductors TZA3031BHL Datasheet HTML 12Page - NXP Semiconductors TZA3031BHL Datasheet HTML 13Page - NXP Semiconductors TZA3031BHL Datasheet HTML 14Page - NXP Semiconductors TZA3031BHL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1999 Aug 24
11
Philips Semiconductors
Preliminary specification
SDH/SONET STM1/OC3 laser drivers
TZA3031AHL; TZA3031BHL;
TZA3031U
CHARACTERISTICS
VCC =5V; Tamb = −40 to +85 °C; all voltages measured with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
4.75
5
5.25
V
ICC
supply current
note 1
65
90
mA
Ptot
total power dissipation
note 2
430
810
mW
Data inputs: pins DIN and DINQ (and pins DLOOP and DLOOPQ on TZA3031BHL); see Fig.5
Vi(p-p)
input voltage
(peak-to-peak value)
differential
100
250
800
mV
VIO
input offset voltage
−25
+25
mV
VI(min)
minimum input voltage
VCC(R) − 2
−−
V
VI(max)
maximum input voltage
−−
VCC(R) + 0.25 V
Zi
input impedance
for low frequencies;
single-ended
810
12
k
CMOS inputs: pin ALS (and pin ENL on TZA3031BHL)
VIL
LOW-level input voltage
−−
1.5
V
VIH
HIGH-level input voltage
3.5
−−
V
Rpd(ALS)
internal pull-down resistance on
pin ALS
21
25.5
30
k
Rpd(ENL)
internal pull-down resistance on
pin ENL
15
25
35
k
CMOS output: pin ALARM (on TZA3031AHL)
VOL
LOW-level output voltage
IOH = −200 µA0
0.2
V
VOH
HIGH-level output voltage
IOH = 200 µA
4.8
5V
Monitor photodiode input: pin MONIN
VI
DC input voltage
1.5
1.8
2.0
V
IMPD
monitor photodiode current
laser optical ‘0’
24
260
µA
laser optical ‘1’
96
1040
µA
CMPD
monitor photodiode capacitance note 3
30
50
pF
Control loop reference currents: pins ONE and ZERO
Iref(ONE)
reference current on pin ONE
note 4
6
65
µA
Vref(ONE)
reference voltage on pin ONE
referenced to VCC(R)
−1.55
−1.5
−1.45
V
Iref(ZERO)
reference current on pin ZERO
note 4
6
65
µA
Vref(ZERO)
reference voltage on pin ZERO
referenced to VCC(R)
−1.55
−1.5
−1.45
V
Control loop time constants: pins TONE and TZERO
VTONE
voltage on pin TONE
floating output
1.4
3.4
V
gm(TONE)
transconductance of pin TONE
note 5
100
mA/V
VTZERO
voltage on pin TZERO
floating output
1.4
3.4
V
gm(TZERO)
transconductance of pin TZERO note 6
160
mA/V


Similar Part No. - TZA3031BHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3031 PHILIPS-TZA3031 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3031BHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
OQ2545HP PHILIPS-OQ2545HP Datasheet
688Kb / 28P
   SDH/SONET STM16/OC48 laser drivers
1999 Aug 24
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com