Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA3034 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TZA3034
Description  SDH/SONET STM1/OC3 postamplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3034 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TZA3034 Datasheet HTML 4Page - NXP Semiconductors TZA3034 Datasheet HTML 5Page - NXP Semiconductors TZA3034 Datasheet HTML 6Page - NXP Semiconductors TZA3034 Datasheet HTML 7Page - NXP Semiconductors TZA3034 Datasheet HTML 8Page - NXP Semiconductors TZA3034 Datasheet HTML 9Page - NXP Semiconductors TZA3034 Datasheet HTML 10Page - NXP Semiconductors TZA3034 Datasheet HTML 11Page - NXP Semiconductors TZA3034 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1999 Nov 03
8
Philips Semiconductors
Product specification
SDH/SONET STM1/OC3 postamplifier
TZA3034
handbook, halfpage
MGS813
RSET
IRSET
RADJ
VCCA
TZA3034
VRSET
Fig.6 level detect input circuit RSET.
VRSET =VCCA − 1.5 V.
handbook, halfpage
10 k
MGS814
ST
VCC
VLOW
VHIGH
Fig.7 PECL output circuit ST and STQ.
Output STQ is complementary to output ST.
Fig.8 PECL output circuit DOUT and DOUTQ.
handbook, halfpage
MGR247
105
105
VCC
DOUTQ
DOUT
0.5 mA
9 mA
0.5 mA


Similar Part No. - TZA3034

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034 PHILIPS-TZA3034 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034U PHILIPS-TZA3034U Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
More results

Similar Description - TZA3034

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
OQ2541HP PHILIPS-OQ2541HP Datasheet
172Kb / 36P
   SDH/SONET data and clock recovery unit STM1/4/16 OC3/12/48 GE
1999 May 27
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com