Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA3034U Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TZA3034U
Description  SDH/SONET STM1/OC3 postamplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3034U Datasheet(HTML) 5 Page - NXP Semiconductors

  TZA3034U Datasheet HTML 1Page - NXP Semiconductors TZA3034U Datasheet HTML 2Page - NXP Semiconductors TZA3034U Datasheet HTML 3Page - NXP Semiconductors TZA3034U Datasheet HTML 4Page - NXP Semiconductors TZA3034U Datasheet HTML 5Page - NXP Semiconductors TZA3034U Datasheet HTML 6Page - NXP Semiconductors TZA3034U Datasheet HTML 7Page - NXP Semiconductors TZA3034U Datasheet HTML 8Page - NXP Semiconductors TZA3034U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1998 Jul 07
5
Philips Semiconductors
Objective specification
SDH/SONET STM1/OC3 postamplifiers
TZA3034T; TZA3034U
Bonding pad locations
Fig.3 Bonding pad locations: TZA3034U.
(1) Typical value.
Pad size: 90
× 90 µm.
handbook, full pagewidth
AGND
4
VCCD
27
TEST
26
DGND
25
DOUT
24
DOUTQ
23
DGND
22
TEST
21
DGND
20
AGND
6
DIN
7
DINQ
8
AGND
9
TEST
10
VCCA
11
n.c.
5
TZA3034U
12
3
2
1
32
31
30
29
28
13
14
15
16
17
18
19
MGR283
1.58 mm(1)
1.58(1)
mm
x
y
0
0
FUNCTIONAL DESCRIPTION
The TZA3034 accepts up to 155 Mbits/s SD/SONET data
streams, with amplitudes from 2 mV (p-p) up to 1 V (p-p)
single-ended. The input signal will be amplified and limited
to differential PECL output levels (see Fig.1).
The input buffer A1 presents an impedance of
approximately 4.5 k
Ω to the data stream on the inputs DIN
and DINQ. The input can be used both single-ended and
differential, but differential operation is preferred for better
performance.
Because of the high gain of the postamplifier, a very small
offset voltage would shift the decision level in such a way
that the input sensitivity decreases drastically. Therefore a
DC offset compensation circuit is implemented in the
TZA3034, which keeps the input of buffer A3 at its toggle
point in the absence of any input signal.
An input signal level detection is implemented to check if
the input signal is above the user-programmed level.
The outcome of this test is available at the PECL
outputs ST and STQ. This flag can also be used to prevent
the PECL outputs DOUT and DOUTQ from reacting to
noise in the absence of a valid input signal, by connecting
the output STQ to the input JAM. This insures that data will
only be transmitted when the input signal-to-noise ratio is
sufficient for low bit error rate system operation.
PECL logic
The logic level symbol definitions for PECL are shown in
Fig.4.
Input biasing
The input pins DIN and DINQ are DC biased at
approximately 2.55 V by an internal reference generator
(see Fig.5). The TZA3034 can be DC coupled, but AC
coupling is preferred. In case of DC coupling, the driving
source must operate within the allowable input signal
range (2.0 V to VCCA + 0.5 V). Also a DC offset voltage of


Similar Part No. - TZA3034U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034U PHILIPS-TZA3034U Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
More results

Similar Description - TZA3034U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
OQ2541HP PHILIPS-OQ2541HP Datasheet
172Kb / 36P
   SDH/SONET data and clock recovery unit STM1/4/16 OC3/12/48 GE
1999 May 27
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com