Electronic Components Datasheet Search |
|
TZA3043 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
TZA3043 Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 28 page 2000 Mar 28 2 Philips Semiconductors Product specification Gigabit Ethernet/Fibre Channel transimpedance amplifier TZA3043; TZA3043B FEATURES • Wide dynamic range, typically 2.5 µA to 1.5 mA • Low equivalent input noise, typically 5.7 pA/√Hz • Differential transimpedance of 8.3 kΩ • Wide bandwidth from DC to 950 MHz • Differential outputs • On-chip Automatic Gain Control (AGC) • No external components required • Single supply voltage from 3.0 to 5.5 V • Bias voltage for PIN diode • Pin compatible with TZA3023 and SA5223 • Switched output polarity available (B-version). APPLICATIONS • Digital fibre optic receiver in medium and long haul optical telecommunications transmission systems or in high speed data networks • Wideband RF gain block. GENERAL DESCRIPTION The TZA3043 is a high speed transimpedance amplifier with AGC designed to be used in Gigabit Ethernet/Fibre Channel optical links. It amplifies the current generated by a photo detector (PIN diode or avalanche photodiode) and converts it to a differential output voltage. ORDERING INFORMATION TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION TZA3043T SO8 plastic small outline package; 8 leads; body width 3.9 mm SOT96-1 TZA3043U − bare die in waffle pack carriers; die dimensions 1.030 × 1.300 mm − TZA3043BT SO8 plastic small outline package; 8 leads; body width 3.9 mm SOT96-1 TZA3043BU − bare die in waffle pack carriers; die dimensions 1.030 × 1.300 mm − |
Similar Part No. - TZA3043 |
|
Similar Description - TZA3043 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |